Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 11 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 7Page - Numonyx B.V M58WT064KB Datasheet HTML 8Page - Numonyx B.V M58WT064KB Datasheet HTML 9Page - Numonyx B.V M58WT064KB Datasheet HTML 10Page - Numonyx B.V M58WT064KB Datasheet HTML 11Page - Numonyx B.V M58WT064KB Datasheet HTML 12Page - Numonyx B.V M58WT064KB Datasheet HTML 13Page - Numonyx B.V M58WT064KB Datasheet HTML 14Page - Numonyx B.V M58WT064KB Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Description
11/117
Figure 2.
TFBGA connections (top view through package)(1)
1.
Ball B7 is A21 in the M58WT064KT/B, and is not connected internally (NC) in the M58WT032KT/B.
AI13811b
A20
NC
DQ5
NC
NC
WAIT
D
A13
A11
DU
A18
A4
A3
C
A12
A21/
NC(1)
NC
NC
B
DU
NC
K
DU
DU
A5
A
8
7
6
5
4
3
2
1
A19
G
F
E
VSS
VDD
VSS
NC
A17
NC
VPP
NC
A2
WP
L
A10
A15
A1
A7
A6
RP
W
A8
A14
A16
A0
DQ8
DQ2
DQ10
DQ13
NC
NC
A9
NC
VDDQ
DQ4
NC
DU
J
VDDQ
NC
H
NC
DQ0
DQ7
DQ14
NC
M
L
K
DQ3
DQ12
G
DQ9
DQ11
DQ6
E
NC
NC
VDDQ
NC
VSS
NC
VSS
VDD
VSS
VSS
VSS
VSS
DU
DU
DU
DQ1
DQ15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com