Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 8 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 8 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 4Page - Numonyx B.V M58WT064KB Datasheet HTML 5Page - Numonyx B.V M58WT064KB Datasheet HTML 6Page - Numonyx B.V M58WT064KB Datasheet HTML 7Page - Numonyx B.V M58WT064KB Datasheet HTML 8Page - Numonyx B.V M58WT064KB Datasheet HTML 9Page - Numonyx B.V M58WT064KB Datasheet HTML 10Page - Numonyx B.V M58WT064KB Datasheet HTML 11Page - Numonyx B.V M58WT064KB Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
Description
M58WTxxxKT, M58WTxxxKB
8/117
1
Description
The M58WT032KT/B and M58WT064KT/B are 32 Mbit (2 Mbit ×16) and 64 Mbit (4 Mbit
×16) non-volatile Flash memories, respectively. They can be erased electrically at block
level and programmed in-system on a word-by-word basis using a 1.7 V to 2 V VDD supply
for the circuitry and a 2.7 V to 3.3 V VDDQ supply for the input/output pins. An optional 9 V
VPP power supply is provided to speed up customer programming.
M58WTxxxKT/B is the collective name for all these devices. They feature an asymmetrical
block architecture.
●
The M58WT032KT/B has an array of 71 blocks, and is divided into 4 Mbit banks. There
are 7 banks each containing 8 main blocks of 32 Kwords, and one parameter bank
containing 8 parameter blocks of 4 Kwords and 7 main blocks of 32 Kwords.
●
The M58WT064KT/B has an array of 135 blocks, and is divided into 4 Mbit banks.
There are 15 banks each containing 8 main blocks of 32 Kwords, and one parameter
bank containing 8 parameter blocks of 4 Kwords and 7 main blocks of 32 Kwords.
The multiple bank architecture allows dual operations. While programming or erasing in one
bank, read operations are possible in other banks. Only one bank at a time is allowed to be
in program or erase mode. It is possible to perform burst reads that cross bank boundaries.
The bank architectures are summarized in Table 2 and Table 3 and the memory maps are
shown in Figure 3 and Figure 4. The parameter blocks are located at the top of the memory
address space for the M58WT032KT and M58WT064KT, and at the bottom for the
M58WT032KB and M58WT064KB.
Each block can be erased separately. Erase can be suspended to perform program in any
other block, and then resumed. Program can be suspended to read data in any other block
and then resumed. Each block can be programmed and erased over 100 000 cycles using
the supply voltage VDD. Two enhanced factory programming commands are available to
speed up programming.
Program and erase commands are written to the command interface of the memory. An
internal Program/Erase Controller manages the timings necessary for program and erase
operations. The end of a program or erase operation can be detected and any error
conditions identified in the Status Register. The command set required to control the
memory is consistent with JEDEC standards.
The device supports synchronous burst read and asynchronous read from all blocks of the
memory array; at power-up the device is configured for asynchronous read. In synchronous
burst mode, data is output on each clock cycle at frequencies of up to 52 MHz. The
synchronous burst read operation can be suspended and resumed.
The device features an automatic standby mode. When the bus is inactive during
asynchronous read operations, the device automatically switches to the automatic standby
mode. In this condition the power consumption is reduced to the standby value IDD4 and the
outputs are still driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com