Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 56 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 56 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 52Page - Numonyx B.V M58WT064KB Datasheet HTML 53Page - Numonyx B.V M58WT064KB Datasheet HTML 54Page - Numonyx B.V M58WT064KB Datasheet HTML 55Page - Numonyx B.V M58WT064KB Datasheet HTML 56Page - Numonyx B.V M58WT064KB Datasheet HTML 57Page - Numonyx B.V M58WT064KB Datasheet HTML 58Page - Numonyx B.V M58WT064KB Datasheet HTML 59Page - Numonyx B.V M58WT064KB Datasheet HTML 60Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 117 page
background image
Program and erase times and endurance cycles
M58WTxxxKT, M58WTxxxKB
56/117
12
Program and erase times and endurance cycles
The program and erase times and the number of program/ erase cycles per block are shown
in Table 17. Exact erase times may change depending on the memory array condition. The
best case is when all the bits in the block or bank are at ‘0’ (preprogrammed). The worst
case is when all the bits in the block or bank are at ‘1’ (not preprogrammed). Usually, the
system overhead is negligible with respect to the erase time. In the M58WTxxxKT/B the
maximum number of program/ erase cycles depends on the VPP voltage supply used.
Table 17.
Program/erase times and endurance cycles(1)
Parameter
Condition
Min
Typ
Typical
after 100 k
W/E cycles
Max
Unit
Erase
Parameter block (4 Kword)(2)
0.3
1
2.5
s
Main block (32
Kword)
Preprogrammed
0.8
3
4
s
Not preprogrammed
1
4
s
Program(3)
Word
12
12
100
µs
Parameter block (4 Kword)
40
ms
Main block (32 Kword)
300
ms
Suspend latency
Program
5
10
µs
Erase
5
20
µs
Program/Erase
Cycles (per Block)
Main blocks
100 000
cycles
Parameter blocks
100 000
cycles
Erase
Parameter block (4 Kword)
0.25
2.5
s
Main block (32 Kword)
0.8
4
s
Program(3)
Word/ double word/ quadruple word(4)
10
100
µs
Parameter
block (4 Kword)
Quad-enhanced factory
11
ms
Enhanced factory
45
ms
Quadruple word(4)
10
ms
Word
40
ms
Main block (
32 Kword)
Quad-enhanced factory
94
ms
Enhanced factory
360
ms
Quadruple word(4)
80
ms
Word
328
ms
Bank (4 Mbit)
Quad-enhanced factory(4)
0.75
s
Quadruple word(4)
0.65
s
Program/erase
cycles (per block)
Main blocks
1000 cycles
Parameter blocks
2500 cycles
1.
TA = –40 to 85 °C; VDD = VDDQ = 1.7 V to 2 V; VDDQ = 2.7 V to 3.3 V.
2.
The difference between preprogrammed and not preprogrammed is not significant (< 30 ms).
3.
Values are liable to change with the external system-level overhead (command sequence and Status Register polling
execution).
4.
Measurements performed at 25°C. TA = 30 °C ±10 °C for quadruple word, double word and quadruple enhanced factory
program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com