Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 21 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 17Page - Numonyx B.V M58WT064KB Datasheet HTML 18Page - Numonyx B.V M58WT064KB Datasheet HTML 19Page - Numonyx B.V M58WT064KB Datasheet HTML 20Page - Numonyx B.V M58WT064KB Datasheet HTML 21Page - Numonyx B.V M58WT064KB Datasheet HTML 22Page - Numonyx B.V M58WT064KB Datasheet HTML 23Page - Numonyx B.V M58WT064KB Datasheet HTML 24Page - Numonyx B.V M58WT064KB Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Command interface - standard commands
21/117
5
Command interface - standard commands
The following commands are the basic commands used to read, write to and configure the
device. Refer to Table 6: Standard commands, in conjunction with the following descriptions
in this section.
5.1
Read Array command
The Read Array command returns the addressed bank to read array mode. One bus write
cycle is required to issue the Read Array command and return the addressed bank to read
array mode. Subsequent read operations read the addressed location and output the data.
A Read Array command can be issued in one bank while programming or erasing in another
bank. However, if a Read Array command is issued to a bank currently executing a program
or erase operation the command is executed but the output data is not guaranteed.
5.2
Read Status Register command
The Status Register indicates when a program or erase operation is complete and the
success or failure of operation itself. Issue a Read Status Register command to read the
Status Register content. The Read Status Register command can be issued at any time,
even during program or erase operations.
The following read operations output the content of the Status Register of the addressed
bank. The Status Register is latched on the falling edge of E or G signals, and can be read
until E or G returns to VIH. Either E or G must be toggled to update the latched data. See
Table 9 for the description of the Status Register bits. This mode supports asynchronous or
single synchronous reads only.
5.3
Read Electronic Signature command
The Read Electronic Signature command reads the manufacturer and device codes, the
block locking status, the Protection Register, and the Configuration Register.
The Read Electronic Signature command consists of one write cycle to an address within
one of the banks. A subsequent read operation in the same bank outputs the manufacturer
code, the device code, the protection status of the blocks in the targeted bank, the
Protection Register, or the Configuration Register (see Table 7).
Dual operations between the parameter bank and the electronic signature locations are not
allowed (see Table 15: Dual operation limitations).
If a Read Electronic Signature command is issued in a bank that is executing a program or
erase operation, the bank goes into read electronic signature mode, subsequent bus read
cycles output the electronic signature data, and the Program/Erase Controller continues to
program or erase in the background. This mode supports asynchronous or single
synchronous reads only; it does not support page mode or synchronous burst reads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com