Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 38 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 38 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 34Page - Numonyx B.V M58WT064KB Datasheet HTML 35Page - Numonyx B.V M58WT064KB Datasheet HTML 36Page - Numonyx B.V M58WT064KB Datasheet HTML 37Page - Numonyx B.V M58WT064KB Datasheet HTML 38Page - Numonyx B.V M58WT064KB Datasheet HTML 39Page - Numonyx B.V M58WT064KB Datasheet HTML 40Page - Numonyx B.V M58WT064KB Datasheet HTML 41Page - Numonyx B.V M58WT064KB Datasheet HTML 42Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 117 page
background image
Status Register
M58WTxxxKT, M58WTxxxKB
38/117
7.5
VPP status bit (SR3)
The VPP status bit identifies an invalid voltage on the VPP pin during program and erase
operations. The VPP pin is only sampled at the beginning of a program or erase operation.
Indeterminate results can occur if VPP becomes invalid during an operation.
When the VPP status bit is Low (set to ‘0’), the voltage on the VPP pin was sampled at a valid
voltage. When the VPP status bit is High (set to ‘1’), the VPP pin has a voltage that is below
the VPP lockout voltage, VPPLK, the memory is protected and program and erase operations
cannot be performed.
Once set High, the VPP status bit can only be reset Low by a Clear Status Register
command or a hardware reset. If set High it should be reset before a new program or erase
command is issued, otherwise the new command appears to fail.
7.6
Program suspend status bit (SR2)
The program suspend status bit indicates that a program operation has been suspended in
the addressed block. When the program suspend status bit is High (set to ‘1’), a
Program/Erase Suspend command has been issued and the memory is waiting for a
Program/Erase Resume command. The program suspend status should only be considered
valid when the Program/Erase Controller status bit is High (Program/Erase Controller
inactive). SR2 is set within the program suspend latency time of the Program/Erase
Suspend command being issued, therefore, the memory may still complete the operation
rather than entering the suspend mode.
When a Program/Erase Resume command is issued, the program suspend status bit
returns Low.
7.7
Block protection status bit (SR1)
The block protection status bit can be used to identify if a program or block erase operation
has tried to modify the contents of a locked or locked-down block.
When the block protection status bit is High (set to ‘1’), a program or erase operation has
been attempted on a locked or locked-down block.
Once set High, the block protection status bit can only be reset Low by a Clear Status
Register command or a hardware reset. If set High it should be reset before a new
command is issued, otherwise the new command appears to fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com