Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 31 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 31 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 27Page - Numonyx B.V M58WT064KB Datasheet HTML 28Page - Numonyx B.V M58WT064KB Datasheet HTML 29Page - Numonyx B.V M58WT064KB Datasheet HTML 30Page - Numonyx B.V M58WT064KB Datasheet HTML 31Page - Numonyx B.V M58WT064KB Datasheet HTML 32Page - Numonyx B.V M58WT064KB Datasheet HTML 33Page - Numonyx B.V M58WT064KB Datasheet HTML 34Page - Numonyx B.V M58WT064KB Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Command interface - factory program commands
31/117
6.3
Enhanced Factory Program command
The Enhanced Factory Program command programs large streams of data within any one
block. It greatly reduces the total programming time when a large number of words are
written to a block at any one time.
Dual operations are not supported during the Enhanced Factory Program operation and the
command cannot be suspended.
For optimum performance the Enhanced Factory Program commands should be limited to a
maximum of 10 program/erase cycles per block. If this limit is exceeded the internal
algorithm continues to work properly but some degradation in performance is possible.
Typical program times are given in Table 17
If the block is protected then the Enhanced Factory Program operation aborts, the data in
the block does not change, and the Status Register outputs the error.
The Enhanced Factory Program command has four phases: the setup phase, the program
phase to program the data to the memory, the verify phase to check that the data has been
correctly programmed and reprogram if necessary and the exit phase. Refer to Table 8:
Factory program commands, and Figure 28: Enhanced factory program flowchart.
6.3.1
Setup phase
The Enhanced Factory Program command requires two bus write operations to initiate the
command:
●
The first bus cycle sets up the Enhanced Factory Program command
●
The second bus cycle confirms the command.
The Status Register P/EC bit SR7 should be read to check that the P/EC is ready. After the
confirm command is issued, read operations output the Status Register data. The read
Status Register command must not be issued or it is interpreted as data to program.
If the second bus cycle is not EFP confirm (D0h), Status Register bits SR4 and SR5 are set
and the command aborts.
VPP value must be in the VPPH range during the confirm command, otherwise SR4 and SR3
are set and command are aborted.
6.3.2
Program phase
The program phase requires n+1 cycles, where n is the number of words (refer to Table 8:
Factory program commands, and Figure 28: Enhanced factory program flowchart).
Three successive steps are required to issue and execute the program phase of the
command:
1.
Use one bus write operation to latch the start address and the first word to be
programmed, where the start address is the location of the first data to be
programmed. The Status Register Bank Write Status bit SR0 should be read to check
that the P/EC is ready for the next word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com