Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 24 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 24 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 20Page - Numonyx B.V M58WT064KB Datasheet HTML 21Page - Numonyx B.V M58WT064KB Datasheet HTML 22Page - Numonyx B.V M58WT064KB Datasheet HTML 23Page - Numonyx B.V M58WT064KB Datasheet HTML 24Page - Numonyx B.V M58WT064KB Datasheet HTML 25Page - Numonyx B.V M58WT064KB Datasheet HTML 26Page - Numonyx B.V M58WT064KB Datasheet HTML 27Page - Numonyx B.V M58WT064KB Datasheet HTML 28Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 117 page
background image
Command interface - standard commands
M58WTxxxKT, M58WTxxxKB
24/117
5.8
Program/Erase Suspend command
The Program/Erase Suspend command pauses a program or block erase operation.
One bus write cycle is required to issue the Program/Erase Suspend command. Once the
Program/Erase Controller has paused bits SR7, SR6 and/ or SR2 of the Status Register are
set to ‘1’. The command can be addressed to any bank.
During program/erase suspend the command interface accepts the Program/Erase
Resume, Read Array (cannot read the erase-suspended block or the program-suspended
word), Read Status Register, Read Electronic Signature, Clear Status Register, and Read
CFI Query commands. In addition, if the suspended operation is erase then the Set
Configuration Register, Program, Block Lock, Block Lock-Down or Block Unlock commands
are also accepted. The block being erased may be protected by issuing the Block Lock, or
Block Lock-Down commands. Only the blocks not being erased may be read or
programmed correctly. When the Program/Erase Resume command is issued the operation
completes. Refer to Section 10 for detailed information about simultaneous operations
allowed during Program/Erase Suspend.
During a program/erase suspend, the device is placed in standby mode by taking Chip
Enable to VIH. Program/erase is aborted if Reset turns to VIL.
See Appendix C, Figure 23: Program suspend and resume flowchart and pseudo code, and
Figure 25: Erase suspend and resume flowchart and pseudo code for flowcharts for using
the Program/Erase Suspend command.
5.9
Program/Erase Resume command
The Program/Erase Resume command restarts the Program/Erase Controller after a
Program/Erase Suspend command has paused it. One bus write cycle is required to issue
the command. The command can be written to any address.
The Program/Erase Resume command does not change the read mode of the banks. If the
suspended bank is in read Status Register, read electronic signature or read CFI query
mode the bank remains in that mode and outputs the corresponding data. If the bank is in
read array mode, subsequent read operations output invalid data.
If a Program command is issued during a block erase suspend, the erase cannot be
resumed until the programming operation has completed. It is possible to accumulate
suspend operations. For example, it is possible to suspend an erase operation, start a
programming operation, suspend the programming operation, and then read the array. See
Appendix C, Figure 23: Program suspend and resume flowchart and pseudo code and
Figure 25: Erase suspend and resume flowchart and pseudo code for flowcharts for using
the Program/Erase Resume command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com