Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 41 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 41 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 37Page - Numonyx B.V M58WT064KB Datasheet HTML 38Page - Numonyx B.V M58WT064KB Datasheet HTML 39Page - Numonyx B.V M58WT064KB Datasheet HTML 40Page - Numonyx B.V M58WT064KB Datasheet HTML 41Page - Numonyx B.V M58WT064KB Datasheet HTML 42Page - Numonyx B.V M58WT064KB Datasheet HTML 43Page - Numonyx B.V M58WT064KB Datasheet HTML 44Page - Numonyx B.V M58WT064KB Datasheet HTML 45Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Configuration Register
41/117
8
Configuration Register
The Configuration Register configures the type of bus access that the memory performs.
Refer to Section 9: Read modes for details on read operations.
The Configuration Register is set through the command interface. After a reset or power-up
the device is configured for asynchronous page read (CR15 = 1). The Configuration
Register bits are described in Table 11. They specify the selection of the burst length, burst
type, burst X latency, and the Read operation. Refer to Figures 6 and 7 for examples of
synchronous burst configurations.
8.1
Read select bit (CR15)
The read select bit, CR15, switches between asynchronous and synchronous bus read
operations. When the read select bit is set to ’1’, read operations are asynchronous; when
the read select bit is set to ’0’, read operations are synchronous. Synchronous burst read is
supported in both parameter and main blocks and can be performed across banks.
On reset or power-up the read select bit is set to’1’ for asynchronous access.
8.2
X latency bits (CR13-CR11)
The X latency bits are used during synchronous read operations to set the number of clock
cycles between the address being latched and the first data becoming available. For correct
operation the X latency bits can only assume the values in Table 11: Configuration Register.
Table 10shows how to set the X latency parameter, taking into account the speed class of
the device and the frequency used to read the Flash memory in synchronous mode.
8.3
Wait polarity bit (CR10)
In synchronous burst mode the Wait signal indicates whether the output data are valid or a
WAIT state must be inserted. The wait polarity bit is used to set the polarity of the Wait
signal. When the wait polarity bit is set to ‘0’ the Wait signal is active Low. When the wait
polarity bit is set to ‘1’ the Wait signal is active High.
Table 10.
Latency settings
fmax
tKmin
X latency min
30 MHz
33 ns
2
40 MHz
25 ns
3
52 MHz
19 ns
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com