Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 13 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 13 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 9Page - Numonyx B.V M58WT064KB Datasheet HTML 10Page - Numonyx B.V M58WT064KB Datasheet HTML 11Page - Numonyx B.V M58WT064KB Datasheet HTML 12Page - Numonyx B.V M58WT064KB Datasheet HTML 13Page - Numonyx B.V M58WT064KB Datasheet HTML 14Page - Numonyx B.V M58WT064KB Datasheet HTML 15Page - Numonyx B.V M58WT064KB Datasheet HTML 16Page - Numonyx B.V M58WT064KB Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Description
13/117
Figure 3.
M58WT032KT/B memory map
AI13421b
M58WT032KT - Top Boot Block
Address lines A20-A0
8 Main
Blocks
Bank 7
M58WT032KB - Bottom Boot Block
Address lines A20-A0
32 KWord
000000h
007FFFh
32 KWord
038000h
03FFFFh
32 KWord
100000h
107FFFh
32 KWord
138000h
13FFFFh
32 KWord
140000h
147FFFh
32 KWord
178000h
17FFFFh
32 KWord
180000h
187FFFh
32 KWord
1B8000h
1BFFFFh
32 KWord
1C0000h
1C7FFFh
32 KWord
1F0000h
1F7FFFh
4 KWord
1F8000h
1F8FFFh
4 KWord
1FF000h
1FFFFFh
8 Parameter
Blocks
Parameter
Bank
Parameter
Bank
4 KWord
000000h
000FFFh
4KWord
007000h
007FFFh
32 KWord
008000h
00FFFFh
32 KWord
038000h
03FFFFh
32 KWord
040000h
047FFFh
32 KWord
078000h
07FFFFh
32 KWord
080000h
087FFFh
32 KWord
0B8000h
0BFFFFh
32 KWord
0C0000h
0C7FFFh
32 KWord
0F8000h
0FFFFFh
32 KWord
1C0000h
1C7FFFh
32 KWord
1F8000h
1FFFFFh
Bank 3
Bank 2
Bank 1
Bank 7
Bank 3
Bank 2
Bank 1
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks
7 Main
Blocks
8 Parameter
Blocks
7 Main
Blocks
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com