Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 63 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 63 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 59Page - Numonyx B.V M58WT064KB Datasheet HTML 60Page - Numonyx B.V M58WT064KB Datasheet HTML 61Page - Numonyx B.V M58WT064KB Datasheet HTML 62Page - Numonyx B.V M58WT064KB Datasheet HTML 63Page - Numonyx B.V M58WT064KB Datasheet HTML 64Page - Numonyx B.V M58WT064KB Datasheet HTML 65Page - Numonyx B.V M58WT064KB Datasheet HTML 66Page - Numonyx B.V M58WT064KB Datasheet HTML 67Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
DC and AC parameters
63/117
Table 23.
Asynchronous read AC characteristics
Symbol
Alt
Parameter
Value
Unit
tAVAV
tRC
Address Valid to Next Address Valid
Min
70
ns
tAVQV
tACC
Address Valid to Output Valid (Random)
Max
70
ns
tAVQV1
tPAGE
Address Valid to Output Valid (page)
Max
25
ns
tAXQX
(1)
tOH
Address Transition to Output Transition
Min
0
ns
tELTV
Chip Enable Low to Wait Valid
Max
20
ns
tELQV
(2)
tCE
Chip Enable Low to Output Valid
Max
70
ns
tELQX
(1)
tLZ
Chip Enable Low to Output Transition
Min
0
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
25
ns
tEHQX
(1)
tOH
Chip Enable High to Output Transition
Min
0
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output Hi-Z
Max
20
ns
tGLQV
(2)
tOE
Output Enable Low to Output Valid
Max
30
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output Transition
Min
0
ns
tGHQX
(1)
tOH
Output Enable High to Output Transition
Min
0
ns
tGHQZ
(1)
tDF
Output Enable High to Output Hi-Z
Max
14
ns
tAVLH
tAVADVH
Address Valid to Latch Enable High
Min
10
ns
tELLH
tELADVH
Chip Enable Low to Latch Enable High
Min
10
ns
tLHAX
tADVHAX
Latch Enable High to Address Transition
Min
9
ns
tLLLH
tADVLADVH Latch Enable Pulse Width
Min
10
ns
tLLQV
tADVLQV
Latch Enable Low to Output Valid
(Random)
Max
70
ns
tLHGL
tADVHGL
Latch Enable High to Output Enable Low
Min
0
ns
1.
Sampled only, not 100% tested.
2.
G may be delayed by up to tELQV - tGLQV after the falling edge of E without increasing tELQV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com