Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 61 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 61 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 57Page - Numonyx B.V M58WT064KB Datasheet HTML 58Page - Numonyx B.V M58WT064KB Datasheet HTML 59Page - Numonyx B.V M58WT064KB Datasheet HTML 60Page - Numonyx B.V M58WT064KB Datasheet HTML 61Page - Numonyx B.V M58WT064KB Datasheet HTML 62Page - Numonyx B.V M58WT064KB Datasheet HTML 63Page - Numonyx B.V M58WT064KB Datasheet HTML 64Page - Numonyx B.V M58WT064KB Datasheet HTML 65Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
DC and AC parameters
61/117
Figure 10.
Asynchronous random access read AC waveforms
1.
Amax is equal to A20 in the M58WT032KT/B and, to A21 in the M58WT064KT/B.
2.
Write Enable, W, is High, WAIT is active Low.
Table 22.
DC characteristics - voltages
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VIL
Input low voltage
–0.5
0.4
V
VIH
Input high voltage
VDDQ –0.4
VDDQ + 0.4
V
VOL
Output low voltage
IOL = 100 µA
0.1
V
VOH
Output high voltage
IOH = –100 µA
VDDQ –0.1
V
VPP1
VPP program voltage-logic
Program, erase
1.3
3.3
V
VPPH
VPP program voltage factory
Program, erase
8.5
9
9.5
V
VPPLK
Program or erase lockout
0.4
V
VLKO
VDD lock voltage
1
V
AI13424b
tAVAV
tAVQV
tELQX
tEHQX
tGLQV
tGLQX
tGHQX
DQ0-DQ15
E
G
tELQV
tEHQZ
tGHQZ
VALID
A0-Amax(1)
VALID
VALID
L
tELLH
tLLQV
tLLLH
tAVLH
tLHAX
tAXQX
WAIT
tELTV
tEHTZ
Valid Address Latch
Outputs Enabled
Data Valid
Standby
tLHGL
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com