Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 29 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 29 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 25Page - Numonyx B.V M58WT064KB Datasheet HTML 26Page - Numonyx B.V M58WT064KB Datasheet HTML 27Page - Numonyx B.V M58WT064KB Datasheet HTML 28Page - Numonyx B.V M58WT064KB Datasheet HTML 29Page - Numonyx B.V M58WT064KB Datasheet HTML 30Page - Numonyx B.V M58WT064KB Datasheet HTML 31Page - Numonyx B.V M58WT064KB Datasheet HTML 32Page - Numonyx B.V M58WT064KB Datasheet HTML 33Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Command interface - factory program commands
29/117
6
Command interface - factory program commands
The factory program commands are specifically designed to speed up programming. They
require VPP to be at VPPH. Refer to Table 8: Factory program commands in conjunction with
the descriptions in this section.
The use of factory program commands requires certain operating conditions:
●
VPP must be set to VPPH.
●
VDD must be within operating range.
●
Ambient temperature, TA must be 25°C ± 5°C.
●
The targeted block must be unlocked.
6.1
Double Word Program command
The Double Word Program command improves the programming throughput by writing a
page of two adjacent words in parallel. The two words must only differ for the address A0.
If the block is protected, then the Double Word Program operation aborts, the data in the
block does not change, and the Status Register outputs the error.
VPP must be set to VPPH during Double Word Program, otherwise the command is ignored
and the Status Register does not output any error.
Three bus write cycles are necessary to issue the Double Word Program command:
●
The first bus cycle sets up the Double Word Program command.
●
The second bus cycle latches the address and the data of the first word to be written.
●
The third bus cycle latches the address and the data of the second word to be written
and starts the Program/Erase Controller.
Read operations in the bank being programmed output the Status Register content after the
programming has started.
During double word program operations the bank being programmed only accepts the Read
Array, Read Status Register, Read Electronic Signature and Read CFI Query commands; all
other commands are ignored. Dual operations are not supported during double word
program operations and the command cannot be suspended. Typical program times are
given in Table 17: Program/erase times and endurance cycles.
Programming aborts if Reset goes to VIL. As data integrity cannot be guaranteed when the
program operation is aborted, the memory locations must be reprogrammed.
See Appendix C, Figure 21: Double word program flowchart and pseudo code for the
flowchart for using the Double Word Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com