Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 48 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 48 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 44Page - Numonyx B.V M58WT064KB Datasheet HTML 45Page - Numonyx B.V M58WT064KB Datasheet HTML 46Page - Numonyx B.V M58WT064KB Datasheet HTML 47Page - Numonyx B.V M58WT064KB Datasheet HTML 48Page - Numonyx B.V M58WT064KB Datasheet HTML 49Page - Numonyx B.V M58WT064KB Datasheet HTML 50Page - Numonyx B.V M58WT064KB Datasheet HTML 51Page - Numonyx B.V M58WT064KB Datasheet HTML 52Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 117 page
background image
Read modes
M58WTxxxKT, M58WTxxxKB
48/117
9
Read modes
Read operations can be performed in two different ways depending on the settings in the
Configuration Register. If the clock signal is ‘don’t care’ for the data output, the read
operation is asynchronous. If the data output is synchronized with clock, the read operation
is synchronous.
The read mode and data output format are determined by the Configuration Register (see
Section 8: Configuration Register for details). All banks supports both asynchronous and
synchronous read operations. The multiple bank architecture allows read operations in one
bank, while write operations are being executed in another (see Tables 13 and 14).
9.1
Asynchronous read mode
In asynchronous read operations the clock signal is ‘don’t care’. The device outputs the data
corresponding to the address latched, that is the memory array, Status Register, common
Flash interface or electronic signature, depending on the command issued. CR15 in the
Configuration Register must be set to ‘1’ for asynchronous operations.
In asynchronous read mode a page of data is internally read and stored in a page buffer.
The page has a size of 4 words and is addressed by A0 and A1 address inputs. The address
inputs A0 and A1 are not gated by Latch Enable in asynchronous read mode.
The first read operation within the page has a longer access time (Tacc, random access
time), and subsequent reads within the same page have much shorter access times. If the
page changes then the normal, longer timings apply again.
Asynchronous read operations can be performed in two different ways, Asynchronous
random access read and asynchronous page read. Only asynchronous page read takes full
advantage of the internal page storage so different timings are applied.
During asynchronous read operations, after a bus inactivity of 150 ns, the device
automatically switches to automatic standby mode. In this condition the power consumption
is reduced to the standby value and the outputs are still driven.
In asynchronous read mode, the WAIT signal is always asserted.
See Table 23: Asynchronous read AC characteristics, Figure 10: Asynchronous random
access read AC waveforms and Figure 11: Asynchronous page read AC waveforms for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com