Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 25 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 25 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 21Page - Numonyx B.V M58WT064KB Datasheet HTML 22Page - Numonyx B.V M58WT064KB Datasheet HTML 23Page - Numonyx B.V M58WT064KB Datasheet HTML 24Page - Numonyx B.V M58WT064KB Datasheet HTML 25Page - Numonyx B.V M58WT064KB Datasheet HTML 26Page - Numonyx B.V M58WT064KB Datasheet HTML 27Page - Numonyx B.V M58WT064KB Datasheet HTML 28Page - Numonyx B.V M58WT064KB Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Command interface - standard commands
25/117
5.10
Protection Register Program command
The Protection Register Program command programs the 128-bit user OTP segment of the
Protection Register and the Protection Register lock. The segment is programmed 16 bits at
a time. When shipped, all bits in the segment are set to ‘1’. The user can only program the
bits to ‘0’.
Two write cycles are required to issue the Protection Register Program command:
●
The first bus cycle sets up the Protection Register Program command.
●
The second latches the address and the data to be written to the Protection Register
and starts the Program/Erase Controller.
Read operations output the Status Register content after the programming has started.
The segment can be protected by programming bit 1 of the Protection Lock Register (see
Figure 5: Protection Register memory map). Attempting to program a previously protected
Protection Register results in a Status Register error. The protection of the Protection
Register is not reversible. The Protection Register program cannot be suspended. Dual
operations between the parameter bank and the Protection Register memory space are not
allowed (see Table 15: Dual operation limitations).
5.11
The Set Configuration Register command
The Set Configuration Register command writes a new value to the Configuration Register,
which defines the burst length, type, X latency, synchronous/asynchronous read mode, and
the valid Clock edge configuration.
Two bus write cycles are required to issue the Set Configuration Register command:
●
The first cycle writes the setup command and the address corresponding to the
Configuration Register content.
●
The second cycle writes the Configuration Register data and the confirm command.
Read operations output the memory array content after the Set Configuration Register
command is issued.
The value for the Configuration Register is always presented on A0-A15. CR0 is on A0, CR1
on A1, etc.; the other address bits are ignored.
5.12
Block Lock command
The Block Lock command locks a block and prevents program or erase operations from
changing the data in it. All blocks are locked at power-up or reset.
Two bus write cycles are required to issue the Block Lock command:
●
The first bus cycle sets up the Block Lock command.
●
The second bus write cycle latches the block address.
The lock status can be monitored for each block using the Read Electronic Signature
command. Table 16 shows the lock status after issuing a Block Lock command.
The block lock bits are volatile; once set they remain set until a hardware reset or power-
down/power-up. They are cleared by a Block Unlock command. Refer to Section 11: Block
locking for a detailed explanation. See Appendix C, Figure 26: Locking operations flowchart
and pseudo code for a flowchart for using the Lock command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com