Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT064KB Datasheet(PDF) 35 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 35 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 31Page - Numonyx B.V M58WT064KB Datasheet HTML 32Page - Numonyx B.V M58WT064KB Datasheet HTML 33Page - Numonyx B.V M58WT064KB Datasheet HTML 34Page - Numonyx B.V M58WT064KB Datasheet HTML 35Page - Numonyx B.V M58WT064KB Datasheet HTML 36Page - Numonyx B.V M58WT064KB Datasheet HTML 37Page - Numonyx B.V M58WT064KB Datasheet HTML 38Page - Numonyx B.V M58WT064KB Datasheet HTML 39Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Command interface - factory program commands
35/117
Table 8.
Factory program commands
Command
Phase
Bus write operations(1)
1st
2nd
3rd
Final -1
Final
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Double Word Program(2)
3
BKA or
WA1(3)
35h
WA1
PD1
WA2
PD2
Quadruple Word
Program(4)
5
BKA or
WA1(3)
56h
WA1
PD1
WA2
PD2
WA3
PD3
WA4
PD4
Enhanced
Factory
Program
(5)
Setup,
Program
2+n+
1
BKA or
WA1(3)
30h
BA or
WA1(6)
D0h
WA1(7)
PD1
WAn(8)
PAn
NOT
WA1(7)
FFFFh
Verify, Exit
n+1 WA1(7)
PD1
WA2(8) PD2 WA3(8)
PD3
WAn(8)
PAn
NOT
WA1(7)
FFFFh
Quadruple
Enhanced
Factory
Program
(4),(5)
Setup,
first Load
5
BKA or
WA1(3)
75h
WA1(7) PD1 WA2(9)
PD2
WA3(9) PD3 WA4(9)
PD4
First
Program &
Verify
Automatic
Subsequent
Loads
4
WA1i
(7)
PD1i
WA2i(9) PD2i WA3i(9) PD3i
WA4i(9)
PD4i
Subsequent
Program &
Verify
Automatic
Exit
1
NOT
WA1(7)
FFFFh
1.
WA = Word Address in targeted bank, BKA = Bank Address, PD = Program Data, BA = Block Address.
2.
Word addresses 1 and 2 must be consecutive Addresses differing only for A0.
3.
Any address within the bank can be used.
4.
Word addresses 1,2,3 and 4 must be consecutive addresses differing only for A0 and A1.
5.
A bus read must be done between each write cycle where the data is programmed or verified to read the Status Register
and check that the memory is ready to accept the next data. n = number of words, i = number of pages to be programmed.
6.
Any address within the block can be used.
7.
WA1 is the start address. NOT WA1 is any address that is not in the same block as WA1.
8.
Address can remain starting address WA1 or be incremented.
9.
Address is only checked for the first word of each page as the order to program the words in each page is fixed so
subsequent words in each page can be written to any address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com