Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10366ASP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R5F10366ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R5F10366ASP Datasheet HTML 11Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 12Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 13Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 14Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 15Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 16Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 17Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 18Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 114 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 15 of 109
(2/2)
Item
20-pin
24-pin
30-pin
R5F1026x
R5F1036x
R5F1027x
R5F1037x
R5F102Ax
R5F103Ax
Clock output/buzzer output
1
2
2.44 kHz to 10 MHz: (Peripheral hardware clock: fMAIN = 20 MHz operation)
8/10-bit resolution A/D converter
11 channels
8 channels
Serial interface
[R5F1026x (20-pin), R5F1027x (24-pin)]
● Simplified SPI (CSI): 2 channels/Simplified I2C: 2 channels/UART: 1 channel
[R5F102Ax (30-pin)]
● Simplified SPI (CSI): 1 channel/Simplified I2C: 1 channel/UART: 1 channel
● Simplified SPI (CSI): 1 channel/Simplified I2C: 1 channel/UART: 1 channel
● Simplified SPI (CSI): 1 channel/Simplified I2C: 1 channel/UART: 1 channel
[R5F1036x (20-pin), R5F1037x (24-pin)]
● Simplified SPI (CSI): 1 channel/Simplified I2C: 0 channel/UART: 1 channel
[R5F103Ax (30-pin)]
● Simplified SPI (CSI): 1 channel/Simplified I2C: 0 channel/UART: 1 channel
I2C bus
1 channel
Multiplier and divider/multiply-
accumulator
● 16 bits × 16 bits = 32 bits (unsigned or signed)
● 32 bits × 32 bits = 32 bits (unsigned)
● 16 bits × 16 bits + 32 bits = 32 bits (unsigned or signed)
DMA controller
2 channels
–
2 channels
–
2 channels
–
Vectored interrupt
sources
Internal
18
16
18
16
26
19
External
5
6
Key interrupt
6
10
–
Reset
● Reset by RESET pin
● Internal reset by watchdog timer
● Internal reset by power-on-reset
● Internal reset by voltage detector
● Internal reset by illegal instruction execution Note
● Internal reset by RAM parity error
● Internal reset by illegal-memory access
Power-on-reset circuit
● Power-on-reset:
1.51 V (TYP)
● Power-down-reset: 1.50 V (TYP)
Voltage detector
● Rising edge : 1.88 to 4.06 V (12 stages)
● Falling edge : 1.84 to 3.98 V (12 stages)
On-chip debug function
Provided
Power supply voltage
VDD = 1.8 to 5.5 V
Operating ambient temperature
TA = –40 to +85°C (A: Consumer applications, D: Industrial applications), TA = –40 to +105°C
(G: Industrial applications)
Note
The illegal instruction is generated when instruction code FFH is executed.
Reset by the illegal instruction execution not issued by emulation with the in-circuit emulator or on-chip debug
emulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com