Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 30Page - Renesas Technology Corp 7643 Datasheet HTML 31Page - Renesas Technology Corp 7643 Datasheet HTML 32Page - Renesas Technology Corp 7643 Datasheet HTML 33Page - Renesas Technology Corp 7643 Datasheet HTML 34Page - Renesas Technology Corp 7643 Datasheet HTML 35Page - Renesas Technology Corp 7643 Datasheet HTML 36Page - Renesas Technology Corp 7643 Datasheet HTML 37Page - Renesas Technology Corp 7643 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 34 of 119
7643 Group
REJ03B0054-0200
The Framing Error Flag (FER) is set to “1” when the number of
stop bit of the received data does not correspond with the selec-
tion with the Stop Bit Length Select Bit (STB).
The Overrun Flag Flag (OER) is set to “1” if the previous data in
the low-order byte of the receive buffer register 1 (addresses
003416) is not read before the current receive operation is com-
pleted. It is also set “1” if any one of error flags is “1” for the
previous data and the current receive operation is completed. Be
sure to read UART status register to clear the error flags before
the next reception has been completed.
[UART Control Register (UCON)] 003316
The UART control register consists of eight control bits for the
UART function. This register can enable the CTS, RTS and UART
address mode.
If the Transmit Enable Bit (TEN) is set to “0” (disabled) while a
data is being transmitted, the transmitting operation will stop after
the data has been transmitted. If the Receive Enable Bit (REN) is
set to “0” (diabled) while a data is being received, the receiving
operation will stop after the data has been received.
When setting the Transmit Initialization Bit (TIN) to “1”, the TEN bit
is set to “0” and the UART status register will be set to “0316” after
the data has been transmitted. To retransmit, set the TEN to “1”
and set a data to the transmit buffer register again. The TIN bit will
be cleared to “0” one cycle later after the TIN bit has been set to
“1”.
Setting the Receive Initialization Bit (RIN) to “1” sets all of the
REN, RBF and the receive error flags (PER, FER, OER, SER) to
“0”. The RIN bit will be cleared to “0” one cycle later after the RIN
bit has been set to “1”.
_______
_______
_______
_______
When CTS or RTS function is disabled, pins CTS and RTS can be
used as ordinary I/O ports, correspondingly.
[UART Transmit/Receive Buffer Registers 1, 2 (UTRB1/
UTRB2)] 003416, 003516
The transmit buffer register and the receive buffer register are lo-
cated at the same address. The transmit buffer register is
write-only and the receive buffer register is read-only. If a charac-
ter bit length is 7 bits, the MSB of received data is invalid. If a
character bit length is 7 or 8 bits, the received contents of UTRB2
are also invalid. If a character bit length is 9 bits, the received
high-order 7 bits of UTRB2 are “0”.
[UART RTS Control Register (URTS)] 003616
The delay time from the reception of the last stop bit to the asser-
_______
_______
tion of RTS is selectable using the RTS Assertion Delay Count
_______
Select Bits. If the stop bit is detected before RTS assertion delay
_______
_______
time has expired, the RTS pin is kept “H”. The RTS assertion de-
lay count starts after the last data reception is completed.
Setting the RIN bit to “1” resets the URTS. After setting the RIN bit
to “1”, set this URTS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com