Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 73Page - Renesas Technology Corp 7643 Datasheet HTML 74Page - Renesas Technology Corp 7643 Datasheet HTML 75Page - Renesas Technology Corp 7643 Datasheet HTML 76Page - Renesas Technology Corp 7643 Datasheet HTML 77Page - Renesas Technology Corp 7643 Datasheet HTML 78Page - Renesas Technology Corp 7643 Datasheet HTML 79Page - Renesas Technology Corp 7643 Datasheet HTML 80Page - Renesas Technology Corp 7643 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 77 of 119
7643 Group
REJ03B0054-0200
Table 16 Electrical characteristics (1) (Vcc = 3.0 to 3.6 V, Vss = 0 V, Ta = –20 to 70°C, unless otherwise noted)
Electrical Characteristics
In Vcc = 3 V
IOH = –1 mA
“H” output voltage
P00–P07, P10–P17, P20–P27, P30–P37,
P40–P44, P50–P57, P60–P67, P70–P74,
P80–P87
“H” output voltage
USB D+, USB D-
Limits
V
Parameter
Min.
VCC–1.0
Typ.
Max.
Symbol
Unit
Test conditions
VOH
VOH
USB+, and USB- pins
pull-down via a resistor
of 15 k
Ω ± 5 %
USB+ pin pull-up to Ext.
Cap. pin via a resistor of
1.5 k
Ω ± 5 %
IOL = 1 mA
VOL
“L” output voltage
P00–P07, P10–P17, P20–P27, P30–P37,
P40–P44, P50–P57, P60–P67, P70–P74,
P80–P87
“L” output voltage
USB D+, USB D-
USB+, and USB- pins
pull-down via a resistor
of 15 k
Ω ± 5 %
USB+ pin pull-up to Ext.
Cap. pin via a resistor of
1.5 k
Ω ± 5 %
VT+–VT-
Hysteresis
INT0, INT1, RDY, HOLD,
P20–P27 (Note 1)
Hysteresis
URXD, SCLK, SRXD,
SRDY, CTS
Hysteresis
RESET
“H” input current
P00–P07, P10–P17, P20–P27, P30–P37,
P40–P44, P50–P57, P60–P67, P70–P74,
P80–P87
“H” input current
RESET, CNVSS
“H” input current
XIN
“H” input current
XCIN
“L” input current
P00–P07, P10–P17, P30–P37,
P40–P44, P50–P57, P60–P67, P70–P74,
P80–P87
“L” input current
RESET
“L” input current
CNVSS
“L” input current
XIN
“L” input current
XCIN
“L” input current
P20–P27
RAM hold voltage
VT+–VT-
VT+–VT-
IIH
IIH
IIH
IIH
IIL
IIL
IIL
IIL
IIL
IIL
VI = VCC
VI = VSS
VI = VSS
Pull-ups “off”
VCC = 3.0 V, VI = VSS
Pull-ups “on”
When clock is stopped
2.8
–10
2.0
0.3
0.3
0.3
9.0
–9.0
–20
3.6
1.0
0.3
5.0
5.0
20
5.0
–5.0
–5.0
–20
–20
–5.0
–5.0
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
VOL
–50
V
VRAM
0
Note 1: This spec is hysteresis of key input interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com