Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 86Page - Renesas Technology Corp 7643 Datasheet HTML 87Page - Renesas Technology Corp 7643 Datasheet HTML 88Page - Renesas Technology Corp 7643 Datasheet HTML 89Page - Renesas Technology Corp 7643 Datasheet HTML 90Page - Renesas Technology Corp 7643 Datasheet HTML 91Page - Renesas Technology Corp 7643 Datasheet HTML 92Page - Renesas Technology Corp 7643 Datasheet HTML 93Page - Renesas Technology Corp 7643 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 90 of 119
7643 Group
REJ03B0054-0200
Notes on CPU Rewrite Mode
The below notes applies when rewriting the flash memory in CPU
rewrite mode.
qOperation speed
During CPU rewrite mode, set the internal clock
φ to 6 MHz or less
using the XIN Divider Select Bit (bit 7 of address 001F16).
qInstructions inhibited against use
The instructions which refer to the internal data of the flash
memory cannot be used during CPU rewrite mode .
qInterrupts inhibited against use
The interrupts cannot be used during CPU rewrite mode because
they refer to the internal data of the flash memory.
qReset
Reset is always valid. When CNVSS is “H” at reset release, the
program starts from the address stored in addresses FFFA16 and
FFFB16 of the boot ROM area in order that CPU may start in boot
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com