Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 36Page - Renesas Technology Corp 7643 Datasheet HTML 37Page - Renesas Technology Corp 7643 Datasheet HTML 38Page - Renesas Technology Corp 7643 Datasheet HTML 39Page - Renesas Technology Corp 7643 Datasheet HTML 40Page - Renesas Technology Corp 7643 Datasheet HTML 41Page - Renesas Technology Corp 7643 Datasheet HTML 42Page - Renesas Technology Corp 7643 Datasheet HTML 43Page - Renesas Technology Corp 7643 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 40 of 119
7643 Group
REJ03B0054-0200
Fig. 33 Timing chart for burst transfer caused by hardware-related transfer request
A5
ADL1
85
PC + 2
ADL1, 00
PC + 1
PC
PC + 3
LDA $zz
STA $zz
(First cycle)
STA $zz
(Second cycle)
φ
OUT
SYNCOUT
RD
WR
DMAOUT
(Port P33)
Address
Data
Transfer request
source (“L” active)
Transfer request source
sampling
Reset of transfer request
source sampling
DMA transfer
Data
DMA destina-
tion add. 1
DMA source
add. 1
DMA destina-
tion add. 2
DMA source
add. 2
DMA
data 1
DMA
data 1
DMA
data 2
DMA
data 2
ADL2
(2) Burst Transfer Mode
When the DMAC Channel x Transfer Mode Selection Bit (DxTMS)
is set to “1”, the respective DMAC channel operates in the burst
transfer mode.
In the burst transfer mode, the DMAC continually transfers the
number of bytes of data specified by the Transfer Count Register
for one transfer request. Other than this, the burst transfer mode
operation is the same as the cycle steal mode operation.
Priority
The DMAC places a higher priority on Channel-0 transfer requests
than on Channel-1 transfer requests.
If a Channel-0 transfer request occurs during a Channel-1 burst
transfer operation, the DMAC completes the next transfer source
and destination read/write operation first, and then starts the
Channel-0 transfer operation. As soon as the Channel-0 transfer is
completed, the DMAC resumes the Channel-1 transfer operation.
When an interrupt request occurs during any DMA operation, the
transfer operation is suspended and the interrupt process routine
is initiated. During the interrupt operation, the DMAC automatically
sets the corresponding DMAC Channel x (x = 0, 1) Suspend Flag
(DxSFI) to “1”. As soon as the CPU completes the interrupt opera-
tion, the DMAC clears the flag to “0” and resumes the original
operation from the point where it was suspended.
The suspended transfer due to the interrupt can also be resumed
during its interrupt process routine by writing “1” to the DMAC
Channel x (x = 0,1) Enable Bit (DxCEN).
The timing charts for a burst transfer caused by a hardware-re-
lated transfer request are shown in Figure 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com