Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 69Page - Renesas Technology Corp 7643 Datasheet HTML 70Page - Renesas Technology Corp 7643 Datasheet HTML 71Page - Renesas Technology Corp 7643 Datasheet HTML 72Page - Renesas Technology Corp 7643 Datasheet HTML 73Page - Renesas Technology Corp 7643 Datasheet HTML 74Page - Renesas Technology Corp 7643 Datasheet HTML 75Page - Renesas Technology Corp 7643 Datasheet HTML 76Page - Renesas Technology Corp 7643 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 73 of 119
7643 Group
REJ03B0054-0200
Power source current
(Output transistor is
isolated.)
Limits
Parameter
Min.
Typ.
40
Max.
90
Symbol
Unit
Test conditions
ICC
mA
Table 12 Electrical characteristics (2) (Vcc = 4.15 to 5.25 V, Vss = 0 V, Ta = –20 to 70°C, unless otherwise noted)
In Vcc = 5 V
Normal mode (Note 1)
f(XIN) = 24 MHz,
φ = 12 MHz
USB operating
Frequency synthesizer ON
Wait mode (Note 2)
f(XIN) = 24 MHz,
φ = 12 MHz
USB block enabled, USB clock
stopped, Frequency synthesizer ON
Wait mode (Note 3)
f(XCIN) = 32 kHz,
φ = 16 kHz
USB block disabled
Frequency synthesizer OFF
USB transceiver DC-DC converter OFF
Stop mode
USB transceiver DC-DC converter ON
Low current mode (USBC3 = “1”)
Stop mode
USB transceiver DC-DC converter OFF
Ta = 25 °C
Stop mode
USB transceiver DC-DC converter OFF
Ta = 70 °C
5.0
100
11
10
250
1.0
10
mA
µA
µA
µA
µA
<Test conditions>
Notes 1: Operating in single-chip mode
Clock input from XIN pin (XOUT oscillator stopped)
USB operating with USB transceiver DC-DC converter enabled
Operating functions: Frequency synthesizer, CPU, UART, DMAC, Timers
Disabled functions: Serial I/O
2: Operating in single-chip mode with Wait mode
Clock input from XIN pin (XOUT oscillator stopped)
USB suspended due to USB clock stopped with USB transceiver DC-DC converter enabled
Operating functions: Frequency synthesizer, Timers
Disabled functions: CPU, UART, DMAC and Serial I/O
3: Operating in single-chip mode with Wait mode
XIN - XOUT oscillator stopped
Clock input from XCIN pin (XCOUT oscillator stopped)
USB stopped, USB clock stopped and USB transceiver DC-DC converter disabled
Operating functions: Timers
Disabled functions: Frequency synthesizer, CPU, UART, DMAC and Serial I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com