Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 48Page - Renesas Technology Corp 7643 Datasheet HTML 49Page - Renesas Technology Corp 7643 Datasheet HTML 50Page - Renesas Technology Corp 7643 Datasheet HTML 51Page - Renesas Technology Corp 7643 Datasheet HTML 52Page - Renesas Technology Corp 7643 Datasheet HTML 53Page - Renesas Technology Corp 7643 Datasheet HTML 54Page - Renesas Technology Corp 7643 Datasheet HTML 55Page - Renesas Technology Corp 7643 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 52 of 119
7643 Group
REJ03B0054-0200
[USB Endpoint x (x = 1, 2) OUT Control Register] OUT_CSR
This register contains the information and status of the respective
OUT endpoints 1, 2. In the endpoint 0, all bits are reserved and
cannot be used (they will all be read out as “0”). The USB FCU
sets the OUT_PKT_RDY flag to “1” after a data packet has been
received into the OUT FIFO. After reading the data packet in the
OUT FIFO, clear this flag to “0”. However, if there is still data in the
OUT FIFO, the flag cannot be cleared even by writing “0” by soft-
ware.
Fig. 45 Structure of USB endpoint x (x = 1, 2) OUT control register
USB endpoint x OUT control register (address 005A16)
OUT_CSR
OUT_PKT_RDY flag (OUTXCSR0)
0: Except the following condition (Note 3)
1: End of a data packet reception (Note 2)
Reserved bit (“0” at read/write)
SEND_STALL bit (OUTXCSR2) (Note 2)
0: Except the following condition
1: Transmitting STALL handshake signal
TOGGLE_INIT bit (OUTXCSR3) (Note 2)
0: Except the following condition
1: Initializing the data toggle sequence bit
FORCE_STALL flag (OUTXCSR4)
0: Except the following condition (Note 2)
1: Protocol error detected (Note 1)
Reserved bit (“0” at read/write)
FLUSH bit (OUTXCSR6)
0: Except the following condition (Note 4)
1: Flush FIFO. (Note 4)
AUTO_CLR bit (OUTXCSR7) (Note 2)
0: AUTO_CLR disabled
1: AUTO_CLR enabled
b0
b7
0
0
Notes 1: This bit is automatically set to “1” or cleared to “0”.
2: The user must program to “1” or “0”.
3: When AUTO_SET bit is “0”, the user must set to “1”.
When AUTO_SET bit is “1”, this bit is automatically set to “1”.
4: This bit is automatically cleared to “0” after setting “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com