Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 70Page - Renesas Technology Corp 7643 Datasheet HTML 71Page - Renesas Technology Corp 7643 Datasheet HTML 72Page - Renesas Technology Corp 7643 Datasheet HTML 73Page - Renesas Technology Corp 7643 Datasheet HTML 74Page - Renesas Technology Corp 7643 Datasheet HTML 75Page - Renesas Technology Corp 7643 Datasheet HTML 76Page - Renesas Technology Corp 7643 Datasheet HTML 77Page - Renesas Technology Corp 7643 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 74 of 119
7643 Group
REJ03B0054-0200
Reset input “L” pulse width
Main clock input cycle time (Note)
Main clock input “H” pulse width
Main clock input “L” pulse width
Sub-clock input cycle time
Sub-clock input “H” pulse width
Sub-clock input “L” pulse width
INT0, INT1 input cycle time
INT0, INT1 input “H” pulse width
INT0, INT1 input “L” pulse width
Timer TOUT delay time
Serial I/O external clock input cycle time
Serial I/O external clock input “H” pulse width
Serial I/O external clock input “L” pulse width
Serial I/O input setup time (external clock)
Serial I/O input hold time (external clock)
Serial I/O output delay time (external clock)
Serial I/O SRDY valid time (external clock)
Serial I/O internal clock output cycle time
Serial I/O internal clock output “H” pulse width
Serial I/O internal clock output “L” pulse width
Serial I/O input setup time (internal clock)
Serial I/O input hold time (internal clock)
Serial I/O output delay time (internal clock)
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(XCIN)
tWH(XCIN)
tWL(XCIN)
tC(INT)
tWH(INT)
tWL(INT)
td(
φ -TOUT)
tC(SCLKE)
tWH(SCLKE)
tWL(SCLKE)
tsu(SRXD-SCLKE)
th(SCLKE-SRXD)
td(SCLKE-STXD)
tv(SCLKE-SRDY)
tc(SCLKI)
tWH(SCLKI)
tWL(SCLKI)
tsu(SRXD-SCLKI)
th(SCLKI-SRXD)
td(SCLKI-STXD)
Limits
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
2
41.66
0.4•tc(XIN)
0.4•tc(XIN)
200
0.4•tc(XCIN)
0.4•tc(XCIN)
200
90
90
400
190
180
15
10
166.66
0.5•tc(SCLKI) – 5
0.5•tc(SCLKI) – 5
20
5
Typ.
Max.
Symbol
Unit
Table 13 Timing requirements (Vcc = 4.15 to 5.25 V, Vss = 0 V, Ta = –20 to 70°C, unless otherwise noted)
Note: Make sure not to exceed 12 MHz of
φ, in other words, tc(φ) ≥ 83.33 ns). For example, set bit 7 of the clock control register (CCR) to “0” in the case of
tc(XIN)
< 41.66 ns.
Timing Requirements
In Vcc = 5 V
15
25
26
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com