Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 61Page - Renesas Technology Corp 7643 Datasheet HTML 62Page - Renesas Technology Corp 7643 Datasheet HTML 63Page - Renesas Technology Corp 7643 Datasheet HTML 64Page - Renesas Technology Corp 7643 Datasheet HTML 65Page - Renesas Technology Corp 7643 Datasheet HTML 66Page - Renesas Technology Corp 7643 Datasheet HTML 67Page - Renesas Technology Corp 7643 Datasheet HTML 68Page - Renesas Technology Corp 7643 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 65 of 119
7643 Group
REJ03B0054-0200
Fig. 62 Structure of CPU mode register A
CPU mode register A (address 000016)
CPMA
Processor mode bits
b1b0
0 0: Single-chip mode
0 1: Memory expansion mode
1 0: Microprocessor mode (Note 1)
1 1: Not available
Stack page select bit
0: Page 0
1: Page 1
Fix to “1”.
Sub-clock (XCIN-XCOUT) control bit
0: Stopped
1: Oscillating
Main clock (XIN-XOUT) control bit
0: Oscillating
1: Stopped
Internal system clock select bit (Note 2)
0: External clock (XIN-XOUT or XCIN-XCOUT)
1: fSYN
External clock select bit
0: XIN-XOUT
1: XCIN-XCOUT
b0
b7
1
Notes1: This is not available in the flash memory version.
2: When (CPMA 6, 7) = (0, 0), the internal system clock can be selected
between f(XIN) or f(XIN)/2 by CCR7.
The internal clock
φ is the internal system clock divided by 2.
CPU mode register B (address 000116)
CPMB
Reserved bit (“0” at read/write)
b0
b7
1 0
Slow memory wait select bits
b1b0
0 0: No wait
0 1: One-time wait
1 0: Two-time wait
1 1: Three-time wait
Slow memory wait mode select bits
b3b2
0 0: Software wait
0 1: Not available
1 0: RDY wait
1 1: Software wait plus RDY input anytime wait
Expanded data memory access bit
0: EDMA output disabled
1: EDMA output enabled
HOLD function enable bit
0: HOLD function disabled
1: HOLD function enabled
Fix to “1”.
Fig. 63 Structure of CPU mode register B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com