Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 67Page - Renesas Technology Corp 7643 Datasheet HTML 68Page - Renesas Technology Corp 7643 Datasheet HTML 69Page - Renesas Technology Corp 7643 Datasheet HTML 70Page - Renesas Technology Corp 7643 Datasheet HTML 71Page - Renesas Technology Corp 7643 Datasheet HTML 72Page - Renesas Technology Corp 7643 Datasheet HTML 73Page - Renesas Technology Corp 7643 Datasheet HTML 74Page - Renesas Technology Corp 7643 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 71 of 119
7643 Group
REJ03B0054-0200
Table 10 Recommended operating conditions (Vcc = 4.15 to 5.25 V, Vss = 0 V, Ta = –20 to 70°C, unless otherwise noted)
Power source voltage
Analog reference voltage
Power source voltage
Analog reference voltage
“H” input voltage
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“H” input voltage (Selecting VIHL level input) P20–P27
“H” input voltage
RESET, XIN, XCIN, CNVss
“H” input voltage
USB D+, USB D–
“L” input voltage
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” input voltage (Selecting VIHL level input)
P20–P27
“L” input voltage
RESET, XIN, XCIN, CNVss
“L” input voltage
USB D+, USB D–
“H” total peak output current
P00–P07, P10–P17, P20–P27,
(Note 1)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” total peak output current
P00–P07, P10–P17, P20–P27,
(Note 1)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“H” total average output current P00–P07, P10–P17, P20–P27,
(Note 1)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” total average output current P00–P07, P10–P17, P20–P27,
(Note 1)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“H” peak output current
P00–P07, P10–P17, P20–P27,
(Note 2)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” peak output current
P00–P07, P10–P17, P20–P27,
(Note 2)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“H” average output current
P00–P07, P10–P17, P20–P27,
(Note 3)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
“L” average output current
P00–P07, P10–P17, P20–P27,
(Note 3)P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
Main clock input frequency (Notes 4, 5)
Sub-clock input frequency (Notes 4, 6)
VCC
AVcc
VSS
AVSS
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
ΣIOH(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOL(avg)
IOH(peak)
IOL(peak)
IOH(avg)
IOL(avg)
f(XIN)
f(XCIN)
Limits
V
V
V
V
V
Parameter
Min.
4.15
4.15
0.8VCC
0.5VCC
0.8VCC
2.0
0
Typ.
5.0
5.0
0
0
Max.
5.25
VCC
Symbol
Unit
32.768
VCC
VCC
VCC
3.8
0.2VCC
0.16VCC
0.2VCC
0.8
–80
80
V
V
V
V
V
V
V
mA
Recommended Operating Conditions
In Vcc = 5 V
0
0
1
24
50/5.0
5.0
–5.0
10
–10
40
–40
mA
MHz
kHz/MHz
mA
mA
mA
mA
mA
mA
Notes 1: The total peak output current is the peak value of the peak currents flowing through all the applicable ports. The total average output current is the average
value measured over 100 ms flowing through all the applicable ports.
2: The peak output current is the peak current flowing in each port.
3: The average output current is an average value measured over 100 ms.
4: The duty of oscillation frequency is 50
%.
5: Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins. Its maximum oscillation frequency must be 24 MHz. However,
make sure to set
φ to 12 MHz or slower. More faster clocks are required as the f(XIN) when using the frequency synthesizer as possible.
6: Connect a ceramic resonator or a quartz-crystal oscillator between the XCIN and XCOUT pins. Its maximum oscillation frequency must be 50 kHz. Input an
external clock having 5 MHz frequency (max.) from the XCIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com