Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 85Page - Renesas Technology Corp 7643 Datasheet HTML 86Page - Renesas Technology Corp 7643 Datasheet HTML 87Page - Renesas Technology Corp 7643 Datasheet HTML 88Page - Renesas Technology Corp 7643 Datasheet HTML 89Page - Renesas Technology Corp 7643 Datasheet HTML 90Page - Renesas Technology Corp 7643 Datasheet HTML 91Page - Renesas Technology Corp 7643 Datasheet HTML 92Page - Renesas Technology Corp 7643 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 89 of 119
7643 Group
REJ03B0054-0200
Fig. 80 CPU rewrite mode set/release flowchart
End
Start
Execute read array command or reset flash
memory by setting flash memory reset bit (by
writing “1” and then “0” in succession) (Note 3)
Single-chip mode, Memory expansion mode or
Boot mode
Set CPU mode registers A, B (Note 2)
Using software command execute erase,
program, or other operation
Jump to control program transferred in memory
other than internal flash memory
(Subsequent operations are executed by control
program in this memory)
Transfer CPU rewrite mode control program to
memory other than internal flash memory
Notes1: When starting the MCU in the single-chip mode or memory expansion mode, supply
4.5 V to 5.25 V to the CNVss pin until checking the CPU rewrite mode entry flag.
2: Set the main clock as follows depending on the XIN divider select bit of clock control
register (bit 7 of address 001F16):
When XIN divider select bit = “0” (
φ = f(XIN)/4), the main clock is 24 MHz or less
When XIN divider select bit = “1” (
φ = f(XIN)/2), the main clock is 12 MHz or less.
3: Before exiting the CPU rewrite mode after completing erase or program operation,
always be sure to execute the read array command or reset the flash memory.
Write “0” to CPU rewrite mode select bit
Set CPU rewrite mode select bit to “1” (by
writing “0” and then “1” in succession)
Check CPU rewrite mode entry flag
Setting
Released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com