Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 7Page - Renesas Technology Corp 7643 Datasheet HTML 8Page - Renesas Technology Corp 7643 Datasheet HTML 9Page - Renesas Technology Corp 7643 Datasheet HTML 10Page - Renesas Technology Corp 7643 Datasheet HTML 11Page - Renesas Technology Corp 7643 Datasheet HTML 12Page - Renesas Technology Corp 7643 Datasheet HTML 13Page - Renesas Technology Corp 7643 Datasheet HTML 14Page - Renesas Technology Corp 7643 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 11 of 119
7643 Group
REJ03B0054-0200
[CPU Mode Registers A, B (CPUMA, CPUMB)] 000016, 000116
The CPU mode register contains the stack page select bit and the
CPU operating mode select bit and so on.
The CPU mode registers are allocated at address 000016, 000116.
Fig. 8 Structure of CPU mode register
s Notes
Do not use the microprocessor mode in the flash memory version.
CPU mode register B (address 000116)
CPMB
Reserved bit (“0” at read/write)
b0
b7
1 0
Slow memory wait select bits
b1b0
0 0: No wait
0 1: One-time wait
1 0: Two-time wait
1 1: Three-time wait
Slow memory wait mode select bits
b3b2
0 0: Software wait
0 1: Not available
1 0: RDY wait
1 1: Software wait plus RDY input anytime wait
Expanded data memory access bit
0: EDMA output disabled
1: EDMA output enabled
HOLD function enable bit
0: HOLD function disabled
1: HOLD function enabled
Fix to “1”.
CPU mode register A (address 000016)
CPMA
Processor mode bits
b1b0
0 0: Single-chip mode
0 1: Memory expansion mode
1 0: Microprocessor mode (Note 1)
1 1: Not available
Stack page select bit
0: Page 0
1: Page 1
Fix to “1”.
Sub-clock (XCIN-XCOUT) control bit
0: Stopped
1: Oscillating
Main clock (XIN-XOUT) control bit
0: Oscillating
1: Stopped
Internal system clock select bit (Note 2)
0: External clock (XIN-XOUT or XCIN-XCOUT)
1: fSYN
External clock select bit
0: XIN-XOUT
1: XCIN-XCOUT
b0
b7
1
Notes 1: This is not available in the flash memory version.
2: When (CPMA 6, 7) = (0, 0), the internal system clock can be selected between f(XIN) or f(XIN)/2 by CCR7.
The internal clock
φ is the internal system clock divided by 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com