Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 11Page - Renesas Technology Corp 7643 Datasheet HTML 12Page - Renesas Technology Corp 7643 Datasheet HTML 13Page - Renesas Technology Corp 7643 Datasheet HTML 14Page - Renesas Technology Corp 7643 Datasheet HTML 15Page - Renesas Technology Corp 7643 Datasheet HTML 16Page - Renesas Technology Corp 7643 Datasheet HTML 17Page - Renesas Technology Corp 7643 Datasheet HTML 18Page - Renesas Technology Corp 7643 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 15 of 119
7643 Group
REJ03B0054-0200
Table 6 List of I/O port function
Name
Port P0
Port P1
Port P2
Input/Output
Input/Output,
individual bits
I/O format
CMOS input level
CMOS 3-state output
Non-port function
Lower address
output
Higher address
output
Data bus I/O
Related SFRs
CPU mode register A
Port control register
Ref. No.
(1)
P00/AB0–
P07/AB7
P10/AB8–
P17/AB15
P20/DB0–
P27/DB7
P60–P67
P70,
__________
P71/HOLD,
P72,
__________
P73/HLDA,
P74
__________
P80/SRDY,
P81/SCLK,
P82/SRXD,
P83/STXD,
P84/UTXD,
P85/URXD,
_______
P86/CTS,
_______
P87/RTS
Pin
(2)
CPU mode register A
Port control register
Port P2 pull-up control
register
CPU mode register A
CPU mode register B
Port control register
CPU mode register A
CPU mode register B
Port control register
Interrupt polarity select register
CPU mode register A
Port control register
Clock control register
Timer 123 mode register
Port control register
Control signal I/O
CMOS input level/VIHL
input level
CMOS 3-state output
Port P3
(1)
(3)
(4)
(5)
CMOS input level
CMOS 3-state output
P30/RDY–
P37/RD
P40/EDMA,
Port P4
P41/INT0,
P42/INT1,
P43,P44
Control signal I/O
External interrupt
P50/XCIN,
P51/TOUT/
XCOUT
CMOS input level
CMOS 3-state output
(6)
(7)
Timer 1, Timer 2
output pin
Sub-clock generat-
ing input pin
P52–P57
Port P5
CMOS input level
CMOS 3-state output
(8)
CMOS input level/TTL
input level
CMOS 3-state output
CMOS input level
CMOS 3-state output
CMOS input level
CMOS 3-state output
CMOS input level
CMOS 3-state output
(9)
Port control register
Port control register
Port control register
CPU mode register B
UART control registers
Serial I/O control register 1
Serial I/O control register 2
Port control register
Port P6
Port P7
(10)
(11)
(12)
(13)
(14)
Control signal I/O
Serial I/O I/O pin
UART I/O pin
(15)
(16)
(17)
(18)
(19)
(20)
(21)
(22)
Port P8
Notes 1: For details of the ports functions in modes other than single-chip mode, and how to use double-function ports as function I/O ports, refer to the applicable
sections.
2: Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction.
When an input level is at an intermediate potential, a rush current will flow from VCC to VSS through the input-stage gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com