Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 23Page - Renesas Technology Corp 7643 Datasheet HTML 24Page - Renesas Technology Corp 7643 Datasheet HTML 25Page - Renesas Technology Corp 7643 Datasheet HTML 26Page - Renesas Technology Corp 7643 Datasheet HTML 27Page - Renesas Technology Corp 7643 Datasheet HTML 28Page - Renesas Technology Corp 7643 Datasheet HTML 29Page - Renesas Technology Corp 7643 Datasheet HTML 30Page - Renesas Technology Corp 7643 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 27 of 119
7643 Group
REJ03B0054-0200
Fig. 22 Block diagram of serial I/O
1/2
1/4
1/8
1/16
1/32
1/64
1/128
1/256
P81/SCLK
P83/STXD
P82/SRXD
P80/SRDY
Data bus
Internal synchronous
clock selection bits
φ
“0”
“1”
Serial I/O
interrupt request
Synchronization
circuit
Synchronous
clock select bit
SRDY output select bit
External clock
P80 latch
“1”
“0”
Serial I/O counter (3)
Serial I/O shift register (8)
SPI mode select bit
P81 latch
“0”
“1”
Serial I/O port select bit
P83 latch
“0”
“1” Serial I/O port select bit
“1”
“0”
SRXD input enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com