Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 33Page - Renesas Technology Corp 7643 Datasheet HTML 34Page - Renesas Technology Corp 7643 Datasheet HTML 35Page - Renesas Technology Corp 7643 Datasheet HTML 36Page - Renesas Technology Corp 7643 Datasheet HTML 37Page - Renesas Technology Corp 7643 Datasheet HTML 38Page - Renesas Technology Corp 7643 Datasheet HTML 39Page - Renesas Technology Corp 7643 Datasheet HTML 40Page - Renesas Technology Corp 7643 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 37 of 119
7643 Group
REJ03B0054-0200
DMAC index and status register (address 003F16)
DMAIS
DMAC channel 0 count register underflow flag (D0UF)
0: No underflow
1: Underflow generated
DMAC channel 0 suspend flag (D0SFI)
0: Not suspended
1: Suspended
DMAC channel 1 count register underflow flag (D1UF)
0: No underflow
1: Underflow generated
DMAC channel 1 suspend flag (D1SFI)
0: Not suspended
1: Suspended
DMAC transfer suspend control bit (DTSC)
0: Suspending only burst transfers during interrupt
process
1: Suspending both burst and cycle steal transfers
during interrupt process
DMAC register reload disable bit (DRLDD)
0: Enabling reload of source and destination registers
of both channels
1: Disabling reload of source and destination registers
of both channels
Reserved bit (“0” at read/write)
Channel index bit (DCI)
0: Channel 0 accessible
1: Channel 1 accessible
DMAC channel x mode register 1 (address 004016)
DMAxM1
DMAC channel x source register increment/decrement
selection bit (DxSRID)
0: Increment after transfer
1: Decrement after transfer
DMAC channel x source register increment/decrement enable
bit (DxSRCE)
0: Increment/Decrement disabled (No change after transfer)
1: Increment/Decrement enabled
DMAC channel x destination register increment/decrement
selection bit (DxDRID)
0: Increment after transfer
1: Decrement after transfer
DMAC channel x destination register increment/decrement
enable bit (DxDRCE)
0: Increment/Decrement disabled (No change after transfer)
1: Increment/Decrement enabled
DMAC channel x data write control bit (DxDWC)
0: Writing data in reload latches and registers
1: Writing data in reload latches only
DMAC channel x disable after count register underflow
enable bit (DxDAUE)
0: Channel x enabled after count register underflow
1: Channel x disabled after count register underflow
DMAC channel x register reload bit (DxRLD)
0: Not reloaded (Bit is always read as “0”)
1: Source, destination, and transfer count registers contents
of channel x to be reloaded
DMAC channel x transfer mode selection bit (DxTMS)
0: Cycle steal transfer mode
1: Burst transfer mode
DMAC channel 0 hardware transfer request source bits (D0HR)
b3b2b1b0
0 0 0 0: Not used
0 0 0 1: UART receive interrupt
0 0 1 0: UART transmit interrupt
0 0 1 1: Not used
0 1 0 0: INT0 interrupt
0 1 0 1: USB endpoint 1 IN_PKT_RDY signal
(falling edge active)
0 1 1 0: USB endpoint 2 IN_PKT_RDY signal
(falling edge active)
0 1 1 1: Not used
1 0 0 0: USB endpoint 1 OUT_PKT_RDY signal
(rising edge active)
1 0 0 1: USB endpoint 1 OUT_FIFO_NOT_EMPTY signal
(rising edge active)
1 0 1 0: USB endpoint 2 OUT_PKT_RDY signal
(rising edge active)
1 0 1 1: Not used
1 1 0 0: Not used
1 1 0 1: Not used
1 1 1 0: Serial I/O trasmit/receive interrupt
1 1 1 1: Not used
DMAC channel 0 software transfer trigger (D0SWT)
0: No action (Bit is always read as “0”)
1: Request of channel 0 transfer by writing “1” (Note 1)
Reserved bit (“0” at read/write)
DMAC channel 0 transfer initiation source capture
register reset bit (D0CRR)
0: No action (Bit is always read as “0”)
1: Reset of channel 0 capture register by writing “1” (Note 1)
DMAC channel 0 enable bit (D0CEN)
0: Channel 0 disabled
1: Channel 0 enabled (Note 2)
DMAC channel 0 mode register 2 (address 004116)
DMA0M2
DMAC channel 1 hardware transfer request source bits (D1HR)
b3b2b1b0
0 0 0 0: Not used
0 0 0 1: Not used
0 0 1 0: Not used
0 0 1 1: Not used
0 1 0 0: INT1 interrupt
0 1 0 1: USB endpoint 1 IN_PKT_RDY signal
(falling edge active)
0 1 1 0: USB endpoint 2 IN_PKT_RDY signal
(falling edge active)
0 1 1 1: Not used
1 0 0 0: USB endpoint 1 OUT_PKT_RDY signal
(rising edge active)
1 0 0 1: USB endpoint 1 OUT_FIFO_NOT_EMPTY signal
(rising edge active)
1 0 1 0: USB endpoint 2 OUT_PKT_RDY signal
(rising edge active)
1 0 1 1: Not used
1 1 0 0: Not used
1 1 0 1: Not used
1 1 1 0: Timer 1 trasmit/receive interrupt
1 1 1 1: Not used
DMAC channel 1 software transfer trigger (D1SWT)
0: No action (Bit is always read as “0”)
1: Request of channel 0 transfer by writing “1” (Note 1)
Reserved bit (“0” at read/write)
DMAC channel 1 transfer initiation source capture
register reset bit (D1CRR)
0: No action (Bit is always read as “0”)
1: Reset of channel 1 capture register by writing “1” (Note 1)
DMAC channel 1 enable bit (D1CEN)
0: Channel 0 disabled
1: Channel 0 enabled (Note 2)
DMAC channel 1 mode register 2 (address 004116)
DMA1M2
b0
b7
b0
b7
b0
b7
b0
b7
Notes 1: This bit is automatically cleared to “0” after writing “1”.
2: When setting this bit to “1”, simultaneously set the DMAC channel x transfer initiation source capture register reset bit (bit 6 of DMAxM2) to “1”.
0
0
0
Fig. 30 Structure of DMACx related register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com