Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 1 Page - Renesas Technology Corp

  7643 Datasheet HTML 1Page - Renesas Technology Corp 7643 Datasheet HTML 2Page - Renesas Technology Corp 7643 Datasheet HTML 3Page - Renesas Technology Corp 7643 Datasheet HTML 4Page - Renesas Technology Corp 7643 Datasheet HTML 5Page - Renesas Technology Corp 7643 Datasheet HTML 6Page - Renesas Technology Corp 7643 Datasheet HTML 7Page - Renesas Technology Corp 7643 Datasheet HTML 8Page - Renesas Technology Corp 7643 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 121 page
background image
DESCRIPTION
The 7643 group is the 8-bit microcomputer based on the 7600 series
core (740 family core compatible) technology.
The 7643 group is designed for PC peripheral devices, including the
USB, DMAC, Serial I/O, UART, Timer and so on.
FEATURES
<Microcomputer mode)
qBasic machine-language instructions ....................................... 71
qMinimum instruction execution time ..................................... 83 ns
(at 24 MHz oscillation frequency)
qMemory size
ROM ............................................................................. 32 Kbytes
RAM ................................................................................ 1 Kbytes
qProgrammable input/output ports ............................................. 66
qSoftware pull-up resistors .................................................. Built-in
qInterrupts ................................................... 14 sources, 14 vectors
(external 3 including Key input, internal 10, software 1)
qUSB function control unit
Transceiver ............................... Full-Speed USB2.0 specification
qTimers .................................................... 8-bit ✕ 3 (Timers 1, 2, 3)
qSerial Interface
Serial I/O ......................................................................... 8-bit ✕ 1
UART .............................................................................. 8-bit ✕ 1
qDMAC .......................................................................... 2 channels
qClock generating circuit ..................................................... Built-in
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
At 24 MHz oscillation frequency,
φ = 12 MHz ......... 4.15 to 5.25 V
At 24 MHz oscillation frequency,
φ = 6 MHz ........... 3.00 to 3.60 V
qOperating temperature range .................................... –20 to 70°C
qPackages
FP ................................................ PRQP0080GB-A (80-pin QFP)
HP ............................................... PLQP0080KB-A (80-pin LQFP)
<Flash memory mode>
qPower source voltage
At 24 MHz oscillation frequency,
φ = 12 MHz ......... 4.15 to 5.25 V
At 24 MHz oscillation frequency,
φ = 6 MHz ........... 3.00 to 3.60 V
qProgram/Erase voltage
.................................. VCC = 4.50 V to 5.25 V, or 3.00 V to 3.60 V
.................................................................. VPP = 4.50 V to 5.25 V
At 24 MHz oscillation frequency,
φ = 6 MHz (See Table 20.)
qMemory size
Flash ROM .................................................................... 32 Kbytes
RAM ............................................................................. 2.5 Kbytes
qFlash memory mode ....................................................... 3 modes
Parallel I/O mode
Standard serial I/O mode
CPU rewrite mode
qProgramming method ....................... Programming in unit of byte
qErasing method
Batch erasing
Block erasing
qProgram/Erase control by software command
qCommand number ................................................... 6 commands
qNumber of times for programming/erasing ............................. 100
qROM code protection
Available in parallel I/O mode and standard serial I/O mode
qOperating temperature range (at programming/erasing) ..............
...................................................................... Normal temperature
APPLICATION
Audio, musical instrument, printer, scanner, modem, other PC pe-
ripheral devices
sNotes
1. The specifications of this product are subject to change be-
cause it is under development. Inquire the use of Renesas
Technology Corporation.
2. The flash memory version cannot be used for application em-
bedded in the MCU card.
Rev.2.00
Aug 28, 2006
page 1 of 119
7643 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0054-0200
Rev.2.00
Aug 28, 2006
REJ03B0054-0200


Similar Part No. - 7643

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7643 RENESAS-7643 Datasheet
2Mb / 424P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Time Electronics Ltd.
7643 TIME-ELECTRONICS-7643 Datasheet
89Kb / 2P
1044 Voltage and Current Calibrator
V1b 27/03/09
logo
Kimberly-Clark Worldwid...
7643 KLEENGUARD-7643 Datasheet
854Kb / 3P
Floor Stand Wiper Dispenser - Large Roll / Blue - 6154
23/07/2020
logo
Time Electronics Ltd.
7643 TIME-ELECTRONICS-7643 Datasheet
383Kb / 2P
1048 Voltage / Current / Loop Calibrator
07/22
logo
Brady Worldwide, Inc.
76432 BRADY-76432 Datasheet
1Mb / 1P
Traffic Control Signs
More results

Similar Description - 7643

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com