Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 24Page - Renesas Technology Corp 7643 Datasheet HTML 25Page - Renesas Technology Corp 7643 Datasheet HTML 26Page - Renesas Technology Corp 7643 Datasheet HTML 27Page - Renesas Technology Corp 7643 Datasheet HTML 28Page - Renesas Technology Corp 7643 Datasheet HTML 29Page - Renesas Technology Corp 7643 Datasheet HTML 30Page - Renesas Technology Corp 7643 Datasheet HTML 31Page - Renesas Technology Corp 7643 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 28 of 119
7643 Group
REJ03B0054-0200
Serial I/O Normal Operation
The serial I/O counter is set to “7” by writing operation to the serial
I/O shift register (address 002A16). When the SRDY Output Select
bit is “1”, the SRDY pin goes “L” after that writing. On the negative
edge of the transfer clock the SRDY pin returns “H” and the data
of the first bit is transmitted from the STXD pin. The remaining
data are done from the STXD pin bit by bit on each falling edge of
the transfer clock.
Additionally, the data is latched from the SRXD pin on each rising
edge of the transfer clock and then the contents of the serial I/O
shift register are shifted by one bit.
When the internal system clock is selected as the transfer clock,
the followings occur at counting eight transfer clocks:
•The serial I/O counter reaches “0”
•The transfer clock halts at “H”
•The serial I/O interrupt request bit is set to “1”
•The STXD pin goes a high-impedance state after an 8-bit transfer
is completed.
When the external clock is selected as the transfer clock, the fol-
lowings occur at counting eight transfer clocks:
•The serial I/O counter reaches “0”
•The serial I/O interrupt request bit is set to “1”
In this case, the transfer clock needs to be controlled by the exter-
nal source because the transfer clock does not halt. Additionally,
the STXD pin does not go a high-impedance state after an 8-bit
transfer is completed.
Figure 23 shows serial I/O timing.
Fig. 23 Serial I/O timing
D1
D0
D2
D3
D4
D5
D6
D7
First
Last
STXD/SRXD
Synchronizing clock
SCLK (CPoL = 1, CPha =1 )
SCLK (CPoL = 0, CPha = 1)
SCLK (CPoL = 1, CPha = 0)
SCLK (CPoL = 0, CPha = 0)
qNormal mode timing (LSB first)
Transfer clock
Synchronizing clock
Serial I/O shift
register write signal
SRDY signal
Serial I/O output STXD
Serial I/O input SRXD
(Note)
Interrupt request bit is set to “1”.
Note: When the internal clock is selected as the transfer clock, the STXD pin goes to a high-impedance state after transfer completion.
qSPI compatible mode timing
SRDY signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com