Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 20Page - Renesas Technology Corp 7643 Datasheet HTML 21Page - Renesas Technology Corp 7643 Datasheet HTML 22Page - Renesas Technology Corp 7643 Datasheet HTML 23Page - Renesas Technology Corp 7643 Datasheet HTML 24Page - Renesas Technology Corp 7643 Datasheet HTML 25Page - Renesas Technology Corp 7643 Datasheet HTML 26Page - Renesas Technology Corp 7643 Datasheet HTML 27Page - Renesas Technology Corp 7643 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 24 of 119
7643 Group
REJ03B0054-0200
TIMERS
The 7643 group has three 8-bit timers: timer 1, timer 2, and timer 3.
All timers are down count timers. When the timer reaches “0016”,
an underflow occurs at the next count pulse and the correspond-
ing timer latch is reloaded into the timer and the count is
continued. When a timer underflows, the interrupt request bit cor-
responding to that timer is set to “1”.
Fig. 19 Timer block diagram
P51/TOUT/XCOUT
Timer 1 interrupt
request
Timer 2 interrupt
request
Timer 3 interrupt
request
Timer 1 count
source select bit
“0”
“1”
φ / 8
f(XCIN) / 2
Timer 1 count
stop bit
Timer 1 latch (8)
Timer 1 (8)
Timers 1, 2 write control
bit
Timers 1, 2 write control
bit
“0”
“1”
Timer 2 count
source select bit
Timer 2 latch (8)
Timer 2 (8)
φ
TOUT output control bit
“0”
“1”
TOUT output active
edge switch bit
TOUT output
control bit
TOUT source
select bit
Q
T
Q
Q
T
Q
Q
T
Q
Q
T
Q
TOUT output control bit
“0”
“1”
TOUT output active
edge switch bit
φ / 8
Timer 3 count
source select bit
Timer 3 latch (8)
Timer 3 (8)
“0”
“1”
Data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com