Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 60Page - Renesas Technology Corp 7643 Datasheet HTML 61Page - Renesas Technology Corp 7643 Datasheet HTML 62Page - Renesas Technology Corp 7643 Datasheet HTML 63Page - Renesas Technology Corp 7643 Datasheet HTML 64Page - Renesas Technology Corp 7643 Datasheet HTML 65Page - Renesas Technology Corp 7643 Datasheet HTML 66Page - Renesas Technology Corp 7643 Datasheet HTML 67Page - Renesas Technology Corp 7643 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 64 of 119
7643 Group
REJ03B0054-0200
PROCESSOR MODE
Single-chip mode, memory expansion mode, and microprocessor
mode which is only in the mask ROM version can be selected by
using the Processor Mode Bits of CPU mode register A (bits 0 and
1 of address 000016). In the memory expansion mode and micro-
processor mode, a memory can be expanded externally via ports
P0 to P3. In these modes, ports P0 to P3 lose their I/O port func-
tions and become bus pins.
The port direction registers corresponding to those ports become
external memory areas.
Fig. 61 Memory maps in processor modes other than single-
chip mode
(1) Single-chip mode
Select this mode by resetting the MCU with CNVSS connected to
VSS.
(2) Memory expansion mode
Select this mode by setting the Processor Mode Bits (b1, b0) to
“01” in software with CNVSS connected to VSS. This mode enables
external memory expansion while maintaining the validity of the in-
ternal ROM.
(3) Microprocessor mode
Select this mode by resetting the MCU with CNVSS connected to
VCC, or by setting the Processor Mode Bits (b1, b0) to “10” in soft-
ware with CNVSS connected to VSS. In the microprocessor mode,
the internal ROM is no longer valid and an external memory must
be used.
Do not set this mode in the flash memory version.
Port Name
Port P0
Port P1
Port P2
Port P3
Function
Outputs low-order 8 bits of address.
Outputs high-order 8 bits of address.
Operates as I/O pins for data D7 to D0 (including
instruction code).
P30 is the RDY input pin.
P31 and P32 function only as output pins
P33 is the DMAOUT output pin.
P34 is the
φOUT output pin.
P35 is the SYNCOUT output pin.
P36 is the WR output pin, and P37 is the RD out-
put pin.
P40 is the EDMA pin.
Table 8 Port functions in memory expansion mode and
microprocessor mode
Port P4
800016
047016
000016
FFFF16
000816
001016
Internal RAM
SFR area
007016
Internal ROM
M37643M8
SFR area
Memory expansion mode
Microprocessor mode
The shaded areas are external areas.
Internal RAM
SFR area
SFR area
047016
000016
FFFF16
000816
001016
007016
800016
0A7016
000016
FFFF16
000816
001016
007016
100016
Reserved area
M37643F8
Internal RAM
Internal ROM
SFR area
Memory expansion mode
The shaded areas are external areas.
SFR area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com