Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 49Page - Renesas Technology Corp 7643 Datasheet HTML 50Page - Renesas Technology Corp 7643 Datasheet HTML 51Page - Renesas Technology Corp 7643 Datasheet HTML 52Page - Renesas Technology Corp 7643 Datasheet HTML 53Page - Renesas Technology Corp 7643 Datasheet HTML 54Page - Renesas Technology Corp 7643 Datasheet HTML 55Page - Renesas Technology Corp 7643 Datasheet HTML 56Page - Renesas Technology Corp 7643 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 53 of 119
7643 Group
REJ03B0054-0200
[USB Endpoint x (x = 0 to 2) IN Max. Packet Size Register]
IN_MAXP
This register specifies the maximum packet size (MAXP) of an
endpoint x IN packet. The value set for endpoint 1 is the number
of transmitted bytes divided by 8, and the value set for endpoints
0 and 2 is the actual number of transmitted bytes. The CPU can
change these values using the SET_DESCRIPTOR command.
The initial value for endpoints 0 and 2 is 8, and the initial value for
endpoint 1 is 1.
[USB Endpoint x (x = 0 to 2) OUT Max. Packet Size Register]
OUT_MAXP
This register specifies the maximum packet size (MAXP) of an
Endpoint x OUT packet. The value set for endpoint 1 is the num-
ber of received bytes divided by 8, and the value set for endpoints
0 and 2 is the actual number of received bytes. The CPU can
change these values using the SET_DESCRIPTOR command.
The initial value for endpoints 0 and 2 is 8, and the initial value for
endpoint 1 is 1. When using the endpoint 0, both USB endpoint x
IN max. packet size register (IN _MAXP) and USB endpoint x
OUT max. packet size register (OUT_MAXP) are set to the same
value. Changing one register’s value effectively changes the value
of the other register as well.
s Notes
Only flash memory version acknowledges IN/OUT token input to
the endpoints 3 and 4. For its countermeasure program the follow-
ing in the initial settings or other routines.
[USBINDEX] = 03h
; USBINDEX=58H
[IN_MAXP]=00h
; IN_MAXP=5BH
[OUT_MAXP]=00h
; OUT_MAXP=5CH
[USBINDEX]=04h
; USBINDEX=58H
[IN_MAXP]=00h
; IN_MAXP=5BH
[OUT_MAXP]=00h
; OUT_MAXP=5CH
(This program does not affect the operation of mask ROM ver-
sion.)
The maximum packet size (MAXP) of endpoint x IN is contained.
MAXP = n for endpoints 0, 2
MAXP = n ✕ 8 for endpoint 1
“n” is a written value into this register.
USB endpoint x IN max. packet size register (address 005B16)
IN_MAXP
b0
b7
The maximum packet size (MAXP) of endpoint x OUT is contained.
MAXP = n for endpoints 0, 2
MAXP = n ✕ 8 for endpoint 1
“n” is a written value into this register.
USB endpoint x OUT max. packet size register (address 005C16)
OUT_MAXP
b0
b7
Fig. 46 Structure of USB endpoint x IN max. packet size register
Fig. 47 Structure of USB endpoint x OUT max. packet size register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com