Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 7643
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 108Page - Renesas Technology Corp 7643 Datasheet HTML 109Page - Renesas Technology Corp 7643 Datasheet HTML 110Page - Renesas Technology Corp 7643 Datasheet HTML 111Page - Renesas Technology Corp 7643 Datasheet HTML 112Page - Renesas Technology Corp 7643 Datasheet HTML 113Page - Renesas Technology Corp 7643 Datasheet HTML 114Page - Renesas Technology Corp 7643 Datasheet HTML 115Page - Renesas Technology Corp 7643 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 112 of 119
7643 Group
REJ03B0054-0200
Example Circuit Application for Standard
Serial I/O Mode
Figure 100 shows a circuit application for the standard serial I/O
mode. Control pins will vary according to a programmer, therefore
see a programmer manual for more information.
SRDY (BUSY)
SCLK
SRXD
STXD
CNVss
Clock input
BUSY output
Data input
Data output
M37643F8
Notes 1: Control pins and external circuitry will vary according to a programmer. For more
information, see the programmer manual.
2: In this example, the Vpp power supply is supplied from an external source (programmer).
To use the user’s power source, connect to 4.5 V to 5.25 V.
VPP power
source input
P36/WR (CE)
Fig. 100 Example circuit application for standard serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com