Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 143Page - Renesas Technology Corp M32C/8B Datasheet HTML 144Page - Renesas Technology Corp M32C/8B Datasheet HTML 145Page - Renesas Technology Corp M32C/8B Datasheet HTML 146Page - Renesas Technology Corp M32C/8B Datasheet HTML 147Page - Renesas Technology Corp M32C/8B Datasheet HTML 148Page - Renesas Technology Corp M32C/8B Datasheet HTML 149Page - Renesas Technology Corp M32C/8B Datasheet HTML 150Page - Renesas Technology Corp M32C/8B Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 406 page
background image
Under development
M32C/8B Group
13. DMAC
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 130 of 385
13.1
Transfer Cycles
The transfer cycle is composed of bus cycles to read data from source address (source read) and bus cycles to write
data to destination address (destination write). The number of read and write bus cycles depends on the locations of
source and destination addresses. In memory expansion mode and microprocessor mode, the number of read and
write bus cycles also depends on DS register setting. Software wait state insertion and the RDY signal can extend
the number of the bus cycles.
13.1.1
Effect of Source and Destination Addresses
When a 16-bit data is transferred with a 16-bit data bus and a source address starts with an odd address, the
source-read cycle is added by one bus cycle, compared to a source address starting with an even address.
When a 16-bit data is transferred with a 16-bit data bus and a destination address starts with an odd address, the
destination-write cycle is added by one bus cycle, compared to a destination address starting with an even
address.
13.1.2
Effect of the DS Register
In an external space in memory expansion mode and microprocessor mode, the transfer cycle varies depending
on the data bus width of the source and destination addresses. See Figure 8.1 for details about the DS register.
• When a 16-bit data is transferred accessing both source address and destination address with an 8-bit data
bus (the DSi bit in the DS register is set to 0 (i = 0 to 3)), an 8-bit data will be transferred twice. Therefore,
two bus cycles are required for reading and another two bus cycles for writing.
• When a 16-bit data is transferred accessing a source address with an 8-bit data bus (the DSi bit is set to 0)
and a destination address with a 16-bit data bus, an 8-bit data will be read twice but be written once as 16-
bit data. Therefore, two bus cycles are required for reading and one bus cycle for writing.
• When a 16-bit data is transferred accessing a source address with a 16-bit data bus (the DSi bit is set to 1)
and a destination address with an 8-bit data bus, a 16-bit data will be read once and an 8-bit data will be
written twice. Therefore, one bus cycle is required for reading and two bus cycles for writing.
13.1.3
Effect of Software Wait State
When accessing the SFR area or memory space that requires wait states, the number of bus clocks (BCLK) is
increased by software wait states.
13.1.4
Effect of the RDY Signal
In memory expansion mode and microprocessor mode, the RDY signal affects the number of the bus cycles if a
source address or destination address is in an external space. Refer to 8.2.6 RDY Signal for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com