| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 151 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 151 Page - Renesas Technology Corp |
|
151 / 406 page ![]() Under development M32C/8B Group 14. DMACII Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 134 of 385 Figure 14.1 RLVL Register b7 b6 b5 b4 b1 b2 b3 Symbol RLVL Address 009Fh After Reset XXXX 0000b b0 Function Bit Symbol Bit Name RW RW Exit Priority Register RW RW RW RW − RLVL0 Exit wait mode/stop mode interrupt priority level control bits(1) RLVL1 RLVL2 b2 b1 b0 0 0 0: Level 0 0 0 1: Level 1 0 1 0: Level 2 0 1 1: Level 3 1 0 0: Level 4 1 0 1: Level 5 1 1 0: Level 6 1 1 1: Level 7 FSIT DMAII High-speed interrupt select bit DMACII select bit(4) 0: Interrupt priority level 7 is used for interrupt 1: Interrupt priority level 7 is used for DMACII transfer(2) 0: Interrupt priority level 7 is used for normal interrupt 1: Interrupt priority level 7 is used for high-speed interrupt(2)(3) − (b7-b6) − Unimplemented. Write 0. Read as undefined value. NOTES: 1. The MCU exits stop or wait mode when an interrupt priority level of a requested interrupt is higher than a level set using bits RLVL2 to RLVL0. Set bits RLVL2 to RLVL0 to the same value as IPL in the FLG register. 2. Do not set both the FSIT and DMAII bits to 1. Set either the FSIT bit or the DMAII bit to 1 before setting bits ILVL2 to ILVL0 in the Interrupt Control Register to 111b. 3. Only one interrupt can have the interrupt priority level 7 when selecting the high-speed interrupt. 4. The DMAII bit is undefined after reset. To use interrupt priority level 7 for an interrupt, set it to 0 before setting the Interrupt Control Register. − (b4) Unimplemented. Write 0. Read as undefined value. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |