| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 153 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 153 Page - Renesas Technology Corp |
|
153 / 406 page ![]() Under development M32C/8B Group 14. DMACII Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 136 of 385 Table 14.2 DMACII Index Configuration in Transfer Mode Figure 14.3 MOD DMAC II index Not used Chain transfer Used Used Not used End-of- Transfer Interrupt Not used Used Not used Used Transfer data Memory-to-Memory Transfer/ Immediate Data Transfer Multiple Transfer Calculation Transfer Used Cannot used Not used Not used Used Used Not used Used Not used 8 bytes 12 bytes 16 bytes 18 bytes MOD SADR DADR COUNT MOD CADR0 SADR DADR COUNT CADR1 MOD IADR0 SADR DADR COUNT IADR1 MOD CADR0 SADR DADR COUNT IADR0 IADR1 CADR1 MOD DADR SADR OADR COUNT IADR1 CADR1 IADR0 CADR0 MOD DADR SADR OADR COUNT MOD DADR SADR OADR COUNT CADR1 CADR0 MOD DADR SADR OADR COUNT IADR1 IADR0 MOD DADR1 SADR1 COUNT DADRi SADRi 10 bytes 14 bytes 14 bytes i = 1 to 7 max. 32 bytes (when i = 7) Cannot used 12 bytes b15 b8 b7 b0 Function (MULT = 0) Bit Symbol Bit Name RW Transfer Mode (MOD)(1) NOTES: 1. MOD must be located in the RAM. 2. When the MULT bit is set to 0, bits 6 to 4 function as bits OPER, BRST, and INTE. When the MULT bit is set to 1, bits 6 to 4 function as bits CNT2 to CNT0. Function (MULT = 1) SIZE Transfer unit select bit 0: 8 bits 1: 16 bits RW IMM Transfer data select bit 0: Immediate data 1: Memory RW Set to 1 UPDS Transfer source direction select bit 0: Fixed address 1: Incremented address RW UPDD Transfer destination direction select bit 0: Fixed address 1: Incremented address RW Calculation transfer function select bit 0: Not used 1: Used RW b6 b5 b4 0 0 0: Do not set to this value 0 0 1: Once 0 1 0: Twice : : 1 1 0: 6 times 1 1 1: 7 times OPER/ CNT0(2) Burst transfer select bit 0: Single transfer 1: Burst transfer RW BRST/ CNT1(2) End-of-transfer interrupt select bit 0: Interrupt not used 1: Interrupt used RW INTE/ CNT2(2) CHAIN Chain transfer select bit 0: Chain transfer not used 1: Chain transfer used RW Set to 0 − (b14-b8) Unimplemented. Write 0. Read as undefined value. − MULT Multiple transfer select bit 0: Multiple transfer not used RW 1: Multiple transfer used |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |