| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 156 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 156 Page - Renesas Technology Corp |
|
156 / 406 page ![]() Under development M32C/8B Group 14. DMACII Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 139 of 385 14.5 Chain Transfer The chain transfer can be selected with the CHAIN bit in MOD. The chain transfer is performed as follows. (1) Transfer occurs in response to an interrupt request from a peripheral function and is performed according to the contents of the DMACII index at the address specified by the interrupt vector. For one transfer request, either a single transfer or burst transfer selected by the BRST bit in MOD occurs. (2) When COUNT reaches zero, the interrupt vector in (1) is replaced with the address written in CADR1 and CADR0. The end-of-transfer interrupt occurs after the replacement, if the INTE bit in MOD is set to 1. (3) When the next DMACII transfer request is generated, the transfer is performed according to the contents of the DMACII index specified by the interrupt vector which has been replaced in (2). Figure 14.4 shows the relocatable vector and DMACII index when using the chain transfer. For the chain transfer, the relocatable vector table must be located in the RAM. Figure 14.4 Relocatable Vector and DMACII Index When using the Chain Transfer 14.6 End-of-Transfer Interrupt The end-of-transfer interrupt can be selected with the INTE bit in MOD. Set the starting address of the end-of- transfer interrupt routine in IADR1 and IADR0. The end-of-transfer interrupt occurs when COUNT reaches zero. BASE (a) DMACII index (b) INTB DMACII index (a) (CADR1, CADR0) BASE (b) (CADR1, CADR0) Relocatable Vector RAM Interrupt vector of the peripheral function triggering DMACII request. Default value is BASE (a). BASE (c) BASE (b) When COUNT reaches zero, the above interrupt vector is replaced with BASE (b), which is the address written in CADR1 and CADR0. When the next request occurs, a transfer starts according to the contents of the DMACII index at BASE (b). When COUNT reaches zero, the interrupt vector is replaced wtih BASE (c). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |