| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 176 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 176 Page - Renesas Technology Corp |
|
176 / 406 page ![]() Under development M32C/8B Group 15. Timer A Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 159 of 385 Figure 15.16 Operation in Event Counter Mode When Handling Two-Phase Pulse Signals on Timers A2, A3, and A4 Normal processing operation (Timer A2 and timer A3) Set to 0 by an interrupt request acknowledgement or by a program. m m+1 m+2 m+1 m m-1 1 0 FFFF FFFE FFFF 0 TAjOUT TAjIN <Free-running function> Counter value IR bit in the TAjIC register m m+1 m+2 m+1 m m-1 1 0 FFFF m-1 m m+1 <Reload function> Counter value IR bit in the TAjIC register Set to 0 by an interrupt request acknowledgement or by a program. The counter increments at the following timings: -at the rising edge of TAkIN while TAkOUT is “H” -at the falling edge of TAkIN while TAkOUT is “L” -at the rising edge of TAkOUT while TAkIN is “L” -at the falling edge of TAkOUT while TAkIN is “H” Set to 0 by an interrupt request acknowledgement or by a program. m m+1 m+2 m+1 m m-1 1 0 FFFF FFFE FFFF 0 TAkOUT TAkIN <Free-running function> Counter value IR bit in the TAkIC register m m+1 m+2 m+1 m m-1 1 0 FFFF m-1 m m+1 <Reload function> Counter value IR bit in the TAkIC register Set to 0 by an interrupt request acknowledgement or by a program. : increment :decrement The counter decrements at the following timings: -at the rising edge of TAkIN while TAkOUT is “L” -at the falling edge of TAkIN while TAkOUT is “H” -at the rising edge of TAkOUT while TAkIN is “H” -at the falling edge of TAkOUT while TAkIN is “L” While an "H" is applied to the TAjOUT pin (j = 2, 3), the counter increments at the rising edge of the TAjIN pin and decrements at the falling edge. Multiply-by-4 processing operation (Timer A3 and timer A4) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |