Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 121Page - Renesas Technology Corp 7643 Datasheet HTML 122Page - Renesas Technology Corp 7643 Datasheet HTML 123Page - Renesas Technology Corp 7643 Datasheet HTML 124Page - Renesas Technology Corp 7643 Datasheet HTML 125Page - Renesas Technology Corp 7643 Datasheet HTML 126Page - Renesas Technology Corp 7643 Datasheet HTML 127Page - Renesas Technology Corp 7643 Datasheet HTML 128Page - Renesas Technology Corp 7643 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 4 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.1 I/O Port
Fig. 2.1.4 Structure of Port Pi direction register (i = 0, 1, 2, 3, 5, 6, 8)
Fig. 2.1.5 Structure of Port P4 direction, Port P7 direction registers
Port Pi direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi direction register (i = 0, 1, 2, 3, 5, 6, 8)
(PiD : addresses 0916, 0B16, 0D16, 0F16, 1716, 1516, 1D16)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0 : Port Pi1 input mode
1 : Port Pi1 output mode
0 : Port Pi0 input mode
1 : Port Pi0 output mode
0 : Port Pi2 input mode
1 : Port Pi2 output mode
5
0
6
7
0
0
Port Pi direction register
3
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0 : Port Pi7 input mode
1 : Port Pi7 output mode
✕
✕
✕
✕
✕
✕
✕
✕
Port P4, P7 direction registers
b7 b6 b5 b4 b3 b2 b1 b0
Port P4 direction register, Port P7 direction register
(P4D, P7D : addresses 1916, 1B16)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0 : Port P41 or P71 input mode
1 : Port P41 or P71 output mode
0 : Port P40 or P70 input mode
1 : Port P40 or P70 output mode
0 : Port P42 or P72 input mode
1 : Port P42 or P72 output mode
Port P4 direction register
Port P7 direction register
3
0 : Port P44 or P74 input mode
1 : Port P44 or P74 output mode
0 : Port P43 or P73 input mode
1 : Port P43 or P73 output mode
✕
✕
✕
✕
✕
5
6
7
Nothing is arranged for these bits.
When these bits are read out, the contents are undefined.
Undefined
✕
✕
✕
✕
Undefined
Undefined
✕
✕



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com