Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 122Page - Renesas Technology Corp 7643 Datasheet HTML 123Page - Renesas Technology Corp 7643 Datasheet HTML 124Page - Renesas Technology Corp 7643 Datasheet HTML 125Page - Renesas Technology Corp 7643 Datasheet HTML 126Page - Renesas Technology Corp 7643 Datasheet HTML 127Page - Renesas Technology Corp 7643 Datasheet HTML 128Page - Renesas Technology Corp 7643 Datasheet HTML 129Page - Renesas Technology Corp 7643 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 5 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.1 I/O Port
Fig. 2.1.6 Structure of Port control register
Port control register
b7 b6 b5 b4 b3 b2 b1 b0
Port control register
(PTC : address 1016)
b
0
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
5
0
0 : Disabled
1 : Enabled
6
0
Port P2 input level select
bit
0 : Reduced VIHL level input (Note 2)
1 : CMOS level input
7
0
Port P0 to P3 slew rate
control bit (Note 1)
Port P4 slew rate control
bit (Note 1)
Port P5 slew rate control
bit (Note 1)
Port P6 slew rate control
bit (Note 1)
Port P7 slew rate control
bit (Note 1)
Port P8 slew rate control
bit (Note 1)
3
Notes 1: The slew rate function can reduce di/dt by modifying an internal buffer structure.
2: The characteristics of VIHL level is basically the same as that of TTL level. But, its
switching center point is a little higher than TTL’s.
Nothing is arranged for this bit.
Fix this bit to “0”.
Fig. 2.1.7 Structure of Port P2 pull-up control register
Port P2 pull-up control register
b7 b6 b5 b4 b3 b2 b1 b0
Port P2 pull-upt control register
(PUP2 : address 1216)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
5
0
0 : Disabled
1 : Enabled
6
0
Port P26 pull-up control bit
0 : Disabled
1 : Enabled
7
0
Port P27 pull-up control bit
0 : Disabled
1 : Enabled
Port P20 pull-up control bit
Port P21 pull-up control bit
Port P22 pull-up control bit
Port P23 pull-up control bit
Port P24 pull-up control bit
Port P25 pull-up control bit
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com