Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 125Page - Renesas Technology Corp 7643 Datasheet HTML 126Page - Renesas Technology Corp 7643 Datasheet HTML 127Page - Renesas Technology Corp 7643 Datasheet HTML 128Page - Renesas Technology Corp 7643 Datasheet HTML 129Page - Renesas Technology Corp 7643 Datasheet HTML 130Page - Renesas Technology Corp 7643 Datasheet HTML 131Page - Renesas Technology Corp 7643 Datasheet HTML 132Page - Renesas Technology Corp 7643 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 8 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.1 I/O Port
Fig. 2.1.12 Control procedure
Fig. 2.1.11 Connection diagram
7643 group
P20
P21
P22
P23
P24
P2i (i : 0 to 4)
Key ON
P2D
PUP2
PTC
(address 0D16)
(address 1216)
(address 1016)
RESET
IREQC,bit6
ICONC,bit6
0
1
(address 0416)
(address 0716)
RTI
XXX000002
XXX111112
00XXXXXX2
Initialization
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
•Set to input mode
•Pull-up enabled
•Reduced VIHL level
WIT
Power down process
Key input interrupt routine
Key input interrupt process
Process continued
•Set key input interrupt request bit to “0”
•Key input interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com