Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 124Page - Renesas Technology Corp 7643 Datasheet HTML 125Page - Renesas Technology Corp 7643 Datasheet HTML 126Page - Renesas Technology Corp 7643 Datasheet HTML 127Page - Renesas Technology Corp 7643 Datasheet HTML 128Page - Renesas Technology Corp 7643 Datasheet HTML 129Page - Renesas Technology Corp 7643 Datasheet HTML 130Page - Renesas Technology Corp 7643 Datasheet HTML 131Page - Renesas Technology Corp 7643 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 7 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.1 I/O Port
2.1.3 Key-on wake-up interrupt application example
Outline : Key-on wake-up is realized, using internal pull-up resistors.
Specifications: System is returned from the wait mode when the key-on wakeup interrupt occurs by
input of the falling edge to port P2i.
Figure 2.1.10 shows the registers setting; Figure 2.1.11 shows a connection diagram; Figure 2.1.12
shows the control procedure.
ICONC
b0
b7
P2D
b0
b7
0
0
0 0
1
Interrupt control register C (address 0716)
Port P2 direction register (address 0D16)
Input mode
Key input interrupt: Enabled
IREQC
b0
b7
Interrupt request register C (address 0416)
Key input interrupt request bit
0
PUP2
b0
b7
1
1
1 1
Port P2 pull-up control register (address 1216)
Port P20 to P24 pull-up enabled
1
PTC
b0
b7
Port control register (address 1016)
VIHL level
0
0
0
0
0
Fig. 2.1.10 Registers setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com