Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 123Page - Renesas Technology Corp 7643 Datasheet HTML 124Page - Renesas Technology Corp 7643 Datasheet HTML 125Page - Renesas Technology Corp 7643 Datasheet HTML 126Page - Renesas Technology Corp 7643 Datasheet HTML 127Page - Renesas Technology Corp 7643 Datasheet HTML 128Page - Renesas Technology Corp 7643 Datasheet HTML 129Page - Renesas Technology Corp 7643 Datasheet HTML 130Page - Renesas Technology Corp 7643 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 6 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.1 I/O Port
Fig. 2.1.8 Structure of Interrupt request register C
Fig. 2.1.9 Structure of Interrupt control register C
Interrupt request register C
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register C
(IREQC : address 0416)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
Timer 3 interrupt request
bit
Serial I/O interrupt request
bit
Key input interrupt request
bit
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0
✽
✽
✽
✽: “0” can be set by software, but “1” cannot be set.
0
Nothing is arranged for these bits.
When these bits are read out, the contents are undefined.
These bits are “0” at write.
Nothing is arranged for these bits.
When these bits are read out, the contents are undefined.
These bits are “0” at write.
Nothing is arranged for this bit.
Fix this bit to “0”.
Interrupt control register C
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt control register C
(ICONC : address 0716)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
Timer 3 interrupt enable bit
Serial I/O interrupt enable
bit
Key input interrupt enable
bit
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0
00 0
0 0
Nothing is arranged for this bit.
Fix this bit to “0”.
Nothing is arranged for these bits.
Fix these bits to “0”.
Nothing is arranged for these bits.
Fix these bits to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com