Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 111Page - Renesas Technology Corp SH7721 Datasheet HTML 112Page - Renesas Technology Corp SH7721 Datasheet HTML 113Page - Renesas Technology Corp SH7721 Datasheet HTML 114Page - Renesas Technology Corp SH7721 Datasheet HTML 115Page - Renesas Technology Corp SH7721 Datasheet HTML 116Page - Renesas Technology Corp SH7721 Datasheet HTML 117Page - Renesas Technology Corp SH7721 Datasheet HTML 118Page - Renesas Technology Corp SH7721 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 53 of 1458
REJ09B0033-0300
The little endian mode can also be specified as data format. Either big-endian or little-endian mode
can be selected according to the MD5 pin at reset. When MD5 is low at reset, the processor
operates in big-endian mode. When MD5 is high at reset, the processor operates in little-endian
mode. The endian mode cannot be modified dynamically.
In little endian mode, the MSB byte in the register corresponds to the highest address in the
memory, and the LSB the in the register corresponds to the lowest address (figure 2.8). For
example, if the contents of the general register R0 is stored at an address indicated by the general
register R1 in longword, the MSB byte of the R0 is stored at the address indicated by the (R1+3)
and the LSB byte of the R1 register is stored at the address indicated by the R1.
If the little endian mode is selected, the on-chip memory are accessed in little endian mode.
However, the on-chip device registers assigned to memory are accessed in big endian mode. Note
that the available access size (byte, word, or long word) differs in each register.
Note:
The CPU instruction codes of this LSI must be stored in word units. In little endian mode,
the instruction code must be stored from lower byte to upper byte in this order from the
word boundary of the memory.
31
@(R1+3) @(R1+2) @(R1+1) @(R1+0)
@(R1+3) @(R1+2) @(R1+1) @(R1+0)
@(R1+3) @(R1+2) @(R1+1) @(R1+0)
[7:0]
[15:8]
[7:0]
[31:24]
[23:16]
[15:8]
[7:0]
[31:24]
[23:16]
[15:8]
[7:0]
[15:8]
[7:0]
[7:0]
(a) Byte access
Example: MOV.B R0, @R1
(R1 = Address 4n)
(b) Word access
Example: MOV.W R0, @R1
(R1 = Address 4n)
(c) Longword access
Example: MOV.L R0, @R1
(R1 = Address 4n)
Byte position
in R0
Byte position
in memory
23
15
7
0
Figure 2.8
Data Format on Memory (Little Endian Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com