Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 114Page - Renesas Technology Corp SH7721 Datasheet HTML 115Page - Renesas Technology Corp SH7721 Datasheet HTML 116Page - Renesas Technology Corp SH7721 Datasheet HTML 117Page - Renesas Technology Corp SH7721 Datasheet HTML 118Page - Renesas Technology Corp SH7721 Datasheet HTML 119Page - Renesas Technology Corp SH7721 Datasheet HTML 120Page - Renesas Technology Corp SH7721 Datasheet HTML 121Page - Renesas Technology Corp SH7721 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 56 of 1458
REJ09B0033-0300
2.5.2
CPU Instruction Addressing Modes
The following table shows addressing modes and effective address calculation methods for
instructions executed by the CPU core.
Table 2.3
Addressing Modes and Effective Addresses for CPU Instructions
Addressing
Mode
Instruction
Format
Effective Address Calculation Method
Calculation Formula
Register
direct
Rn
Effective address is register Rn.
(Operand is register Rn contents.)
Register
indirect
@Rn
Effective address is register Rn contents.
Rn
Rn
Rn
Register
indirect with
post-increment
@Rn+
Effective address is register Rn contents. A
constant is added to Rn after instruction
execution: 1 for a byte operand, 2 for a word
operand, 4 for a longword operand.
Rn
Rn
1/2/4
+
Rn + 1/2/4
Rn
After instruction execution
Byte: Rn + 1
→ Rn
Word: Rn + 2
→ Rn
Longword: Rn + 4
→ Rn
Register
indirect with
pre-decrement
@–Rn
Effective address is register Rn contents,
decremented by a constant beforehand: 1 for a
byte operand, 2 for a word operand, 4 for a
longword operand.
Rn
Rn - 1/2/4
1/2/4
-
Rn - 1/2/4
Byte: Rn – 1
→ Rn
Word: Rn – 2
→ Rn
Longword: Rn – 4
→ Rn
(Instruction executed with
Rn after calculation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com