Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 163Page - Renesas Technology Corp SH7721 Datasheet HTML 164Page - Renesas Technology Corp SH7721 Datasheet HTML 165Page - Renesas Technology Corp SH7721 Datasheet HTML 166Page - Renesas Technology Corp SH7721 Datasheet HTML 167Page - Renesas Technology Corp SH7721 Datasheet HTML 168Page - Renesas Technology Corp SH7721 Datasheet HTML 169Page - Renesas Technology Corp SH7721 Datasheet HTML 170Page - Renesas Technology Corp SH7721 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 105 of 1458
REJ09B0033-0300
In assembler, R0 to R9 are used as symbols. In the DSP data transfer instructions, the following
register names (alias) can also be used. In assembler, described as shown below.
Ix: .REG
(R8)
Ix indicates the alias of register 8. Other aliases are shown below.
Ax0: .REG (R4)
Ax1: .REG (R5)
Ix: .REG (R8)
Ay0: .REG (R6)
Ay1: .REG(R7)
Iy: .REG (R9)
As0: .REG (R4); This definition is used for if the alias is required in the single data transfer
As1: .REG (R5); This definition is used for if the alias is required in the single data transfer
As2: .REG (R2)
As3: .REG (R3)
Is: .REG (R8); This definition is used for if the alias is required in the single data transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com