Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 166Page - Renesas Technology Corp SH7721 Datasheet HTML 167Page - Renesas Technology Corp SH7721 Datasheet HTML 168Page - Renesas Technology Corp SH7721 Datasheet HTML 169Page - Renesas Technology Corp SH7721 Datasheet HTML 170Page - Renesas Technology Corp SH7721 Datasheet HTML 171Page - Renesas Technology Corp SH7721 Datasheet HTML 172Page - Renesas Technology Corp SH7721 Datasheet HTML 173Page - Renesas Technology Corp SH7721 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 108 of 1458
REJ09B0033-0300
In single data transfer instructions, all bits in 32-bit address are valid.
3.4.3
Modulo Addressing
In double data transfer instructions, a module addressing can be used. If the address pointer value
reaches the preset modulo end address while a modulo addressing mode is specified,, the address
pointer value becomes the modulo start address.
To control modulo addressing, the modulo register (MOD) extended in the DSP mode and the
DMX and DMY bits of the SR register are used.
The MOD register is provided to set the start and end addresses of the modulo address area. The
upper and lower words of the MOD register store modulo start address (MS) and modulo end
address (ME), respectively. The LDC and STC instructions are extended for MOD register
handling.
If the DMX bit in the SR register is set, the modulo addressing is specified for the X address
register. If the DMY bit in the SR register is set, the modulo addressing is specified for the Y
address register. Modulo addressing is valid for either the X or the Y address register, only; it
cannot be set for both at the same time. Therefore, DMX and DMY cannot both be set
simultaneously (if they are, the DMY setting will be valid). ( In the future, this specification may
be changed.) The MDX and MDY bits of the SR can be specified by the STC or LDC instruction
for the SR register.
If an exception is accepted during modulo addressing, the MDX and MDY bits of the SR and
MOD register must be saved. By restoring these register values, a control is returned to the
modulo addressing after an exception handling.
Table 3.11
Modulo Addressing Control Instructions
Instruction
Operation
Execution States
STC MOD,Rn
MOD
→ Rn
1
STC.L
MOD,Rn
Rn – 4
→ Rn, MOD → (Rn)
1
LDC.L @Rn+,MOD
(Rn)
→ Rn, Rn + 4 → Rn
4
LDC Rn,MOD
Rn
→ MOD
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com